Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTS3TF03 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RTS3TF03
Description  Power PCB Relay RT1 Inrush Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3TF03 Datasheet(HTML) 3 Page - Tyco Electronics

  RTS3TF03 Datasheet HTML 1Page - Tyco Electronics RTS3TF03 Datasheet HTML 2Page - Tyco Electronics RTS3TF03 Datasheet HTML 3Page - Tyco Electronics RTS3TF03 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power PCB Relay RT1 Inrush Power (Continued)
Dimensions / PCB layout
16 A, pinning 5 mm
s0418-CV
S0272-BW
*) With the recommended PCB hole
sizes a grid pattern from 2.5 mm
to 2.54 mm can be used.
version without test tab
version with test tab
S0491-B
S0492-CU
b) for 2 coil version only
S0272-BC
Product key
RT
3
Type
Version
S
without test tab
T
with test tab (manual operator)
for contact material ‘T’ only
Contact configuration
3
1 NO contact
Contact material
L
AgSnO2
T
Tungsten (W) pre-make + AgSnO2
Coil
Coil code: please refer to coil versions table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com