Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTS3TF03 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RTS3TF03
Description  Power PCB Relay RT1 Inrush Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3TF03 Datasheet(HTML) 4 Page - Tyco Electronics

  RTS3TF03 Datasheet HTML 1Page - Tyco Electronics RTS3TF03 Datasheet HTML 2Page - Tyco Electronics RTS3TF03 Datasheet HTML 3Page - Tyco Electronics RTS3TF03 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
4
Power PCB Relay RT1 Inrush Power (Continued)
Product key
Version
Contacts
Cont. material
Coil
Coil
Part number
RTS3L005
without
1 NO contact
AgSnO2
monostable
5 VDC
1-1415898-8
RTS3L012
test tab
coil
12 VDC
1-1415898-9
RTS3L018
18 VDC
2-1415898-0
RTS3L024
24 VDC
1-1415898-4
RTS3L048
48 VDC
2-1415898-1
RTS3L060
60 VDC
2-1415898-2
RTS3LA12
bistable
12 VDC
2-1415898-3
RTS3LA24
1-coil
24 VDC
2-1415898-4
RTS3LF12
bistable
12 VDC
2-1415898-5
RTS3LF24
2-coils
24 VDC
2-1415898-6
RTS3T012
W pre-make +
monostable
12 VDC
0-1415898-0
RTS3T024
AgSnO2
coil
24 VDC
0-1415898-1
RTS3TA12
bistable
12 VDC
0-1415898-2
RTS3TA24
1-coil
24 VDC
0-1415898-3
RTS3TF03
bistable
3 VDC
0-1415898-4
RTS3TF12
2-coils
12 VDC
0-1415898-5
RTS3TF24
24 VDC
0-1415898-6
RTT3TA12
with
bistable
12 VDC
0-1415898-7
RTT3TA24
test tab
1-coil
24 VDC
0-1415898-8
RTT3TF12
bistable
12 VDC
0-1415898-9
RTT3TF24
2-coils
24 VDC
1-1415898-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com