Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHC Datasheet(PDF) 1 Page - Tyco Electronics

Part # SHC
Description  GRID SURFACE MOUNT COMMERCIAL/INDUSTRIAL RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SHC Datasheet(HTML) 1 Page - Tyco Electronics

  SHC Datasheet HTML 1Page - Tyco Electronics SHC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHC ■SHCS
STANDARD • SENSITIVE
.100 GRID SURFACE MOUNT COM-
MERCIAL RELAY
FEATURES
■ Hermetically sealed
■ Excellent RF switching
28
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
SHC■ SHCD ■SHCS ■ SHCSD
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
Stationary:
Gold/platinum/palladium/silver alloy
(gold plated)
Moveable:
Gold/platinum/palladium/silver alloy
(gold plated)
CONTACT RESISTANCE
Before Life:
100 milliohms max.
(measured @ 10 mA @ 6 Vdc)
After Life:
200 milliohms max.
(measured @ 1 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
1 million operations
SHCD■SHCSD
STANDARD • SENSITIVE
.100 GRID SURFACE MOUNT
DIODE SUPPRESSED
COMMERCIAL RELAY
FEATURES
■ Suppression Diode
■ Hermetically sealed
■ Excellent RF switching
_
+
CONTACT RATINGS
CONTACT
TYPE
OPERATIONS
LOAD
MIN.
1.0 A @ 28 Vdc
Resistive
100,000
250 mA @ 115 Vac, 60 Hz & 400 Hz Resistive (Case not grounded) 100,000
100 mA @ 115 Vac, 60 Hz & 400 Hz Resistive
100,000
0.2 A @ 28 Vdc
Inductive (0.32 Henry)
100,000
0.1 A @ 28 Vdc
Lamp
100,000
30 µA @ 50 mVdc
Low Level
1,000,000
ELECTRICAL CHARACTERISTICS
COIL VOLTAGE
5 to 26.5 Vdc (SHC/SHCD)
5 to 48 Vdc (SHCS/SHCSD)
COIL POWER
SHC/SHCD:
660 mW max. @ 25°C
SHCS/SHCSD:
565 mW max. @ 25°C
DUTY CYCLE
Continuous
PICK-UP VOLTAGE
Approximately 70% of
nominal coil voltage
PICK-UP SENSITIVITY
SHC/SHCD:
180 mW max. @ 25°C
SHCS/SHCSD:
90 mW max. @ 25°C
TERMINAL VIEW
TERMINAL VIEW


Similar Part No. - SHC

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SHC PREMO-SHC Datasheet
167Kb / 9P
SMD Power Inductors Shielded
SHC-100M PREMO-SHC-100M Datasheet
167Kb / 9P
SMD Power Inductors Shielded
SHC-101L PREMO-SHC-101L Datasheet
167Kb / 9P
SMD Power Inductors Shielded
SHC-102K PREMO-SHC-102K Datasheet
167Kb / 9P
SMD Power Inductors Shielded
SHC-120M PREMO-SHC-120M Datasheet
167Kb / 9P
SMD Power Inductors Shielded
More results

Similar Description - SHC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9852 ETC-9852 Datasheet
96Kb / 2P
Surface Mount Reed Relays
9400 ETC-9400 Datasheet
101Kb / 2P
Surface Mount Reed Relays
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
Surface Mount Reed Relays
9200 COTO-9200 Datasheet
307Kb / 2P
Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
SURFACE MOUNT REED RELAYS
logo
Teledyne Technologies I...
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com