Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHC Datasheet(PDF) 2 Page - Tyco Electronics

Part # SHC
Description  GRID SURFACE MOUNT COMMERCIAL/INDUSTRIAL RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SHC Datasheet(HTML) 2 Page - Tyco Electronics

  SHC Datasheet HTML 1Page - Tyco Electronics SHC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
29
SHC■ SHCD ■SHCS ■ SHCSD
STANDARD COIL DATA
NOM.
COIL
PICKUP
NOM. COIL
MAX.
COIL
COIL
RESISTANCE
VOLTAGE
POWER
COIL
DESIG.
VOLTAGE
IN OHMS
Vdc (MAX.)
(mW)
VOLTAGE
(Vdc)
±20% @ 25°C
@ 25°C
@ 25°C
SHC/SHCD
5.0
64
3.8
391
5.8
5
6.0
98
4.9
367
8.0
6
9.0
220
7.0
368
12.0
9
12.0
400
9.0
360
16.0
12
18.0
880
14.0
368
24.0
18
26.5
1,600
18.0
439
32.0
26
SHCS/SHCSD
5.0
100
3.5
250
7.5
5
6.0
200
4.5
180
10.0
6
9.0
400
6.8
203
15.0
9
12.0
800
9.0
180
20.0
12
18.0
1,600
13.5
203
30.0
18
26.5
3,200
18.0
219
40.0
26
36.0
6,500
24.0
199
57.0
36
48.0
11,000
32.0
209
75.0
48
OPERATING CHARACTERISTICS
TIMING
OperateTime:
SHC/SHCD: 4.0 ms max.
SHCS/SHCSD: 6.0 ms max.
ReleaseTime:
SHC: 3.0 ms max.
SHCS: 3.0 ms max.
SHCD: 6.0 ms max.
(suppression diode)
SHCSD: 7.5 ms max.
(suppression diode)
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts:
350 Vrms 60 Hz
Between Adjacent Contacts:
350 Vrms 60 Hz
Between Contacts & Coil:
350 Vrms 60 Hz
INSULATION RESISTANCE
1,000 megohms @ 500 Vdc
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
-55°C to + 85°C
WEIGHT
SHC/SHCD:
0.09 oz. (2.55 gms)
SHCS/SHCSD:
0.15 oz. (4.30 gms)
VIBRATION RESISTANCE
10 G’s, 10 to 500 Hz
SHOCK RESISTANCE
30 G’s, 6 ±1 ms
SEMICONDUCTOR CHARACTERISTICS
DIODE
100 Vdc peak inverse voltage (PIV)
1.0 Vdc max. transient voltage
SPECIFYING A PART NUMBER EXAMPLE
:
TYPE
DIODES
GROUND PIN
COILS
SHC
D
X
-26
.100
(2.54)
TYP
8 PLS
.031± .003
(0.79)
.035± .010
(0.98)
REF
.378 +.030/–.020
(9.60) TYP
.375 (9.53)
SQ MAX
±4° TYP
SHC/SHCD ENCLOSURE
SHC/SHCD/SHCS/SHCSD HEADER
.280 (7.11)
MAX
.335 (8.51) SQ MAX
.360 (9.14)
MAX
2
° ±2° TYP
SHCS/SHCSD ENCLOSURE
.380 (9.65)
MAX
.335 (8.51) SQ MAX
.460 (11.68)
MAX
2
° ±2° TYP
.100
(2.54)
4 PLCS
.045
(1.14) MIN.
8 PLCS
.410 (10.41) MIN
.410 (10.41)
MIN
.200
(5.08)
.200 (5.08)
RECOMMENDED
SOLDER PAD LAYOUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com