Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33810 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Table 11. Nominal Current DAC Select
DAC Command
Bits<4,3,2,1,0>
NOMI
Current (A)
Differential
Voltage
(mV
Rs = 20 m
Ω
(Gain = 2)
Differential
Voltage
(mV
Rs = 40 m
Ω
(Gain = 1)
00000
3.00
60
120
00001
3.25
65
130
00010
3.50
70
140
00011
3.75
75
150
00100
4.00
80
160
00101
4.25
85
170
00110
4.50
90
180
00111
4.75
95
190
01000
5.00
100
200
01001
5.25
105
210
01010
5.50
110
220
01011
5.75
115
230
01100
6.00
120
240
01101
6.25
125
250
01110
6.50
130
260
01111
6.75
135
270
10000
7.00
140
280
10001
7.25
145
290
10010
7.50
150
300
10011
7.75
155
310
10100
8.00
160
320
10101
8.25
165
330
10110
8.50
170
340
10111
8.75
175
350
11000
9.00
180
360
11001
9.25
185
370
11010
9.50
190
380
11011
9.75
195
390
11100
10.00
200
400
11101
10.25
205
410
11110
10.50
210
420
11111
10.75
215
430
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
MAXI DAC BITS
The MAXI control block provides a means to shut off all the
ignition coil drivers if the current reaches a SPI
programmable maximum level. Control is achieved by
comparing the output of the current sense amplifier with a SPI
programmed DAC value.
The MAXI comparator disables all gate drivers configured
as ignition drivers when the DAC MAXI setting is exceeded.
When a MAXI event occurs, the MAXI bit in the fault status
register is set and the MAXI pin is asserted (High).
When using a 20
mΩ resistor as the current sense resistor,
the gain select of the differential amplifier connected to RSP
and RSN, should be set to a gain of 2, via the SPI Command
Message Spark Command (Command 0100, hex 4), Control
bit 6 =1.
When using a 40
mΩ resistor as the current sense resistor,
the gain select of the differential amplifier connected to RSP
and RSN, should be set to a gain of 1, via the SPI Command
Message Spark Command (Command 0100, hex 4), Control
bit 6 =0. This is also the default value.
The MAXI fault bit in the SPI fault status register is cleared
when the MAXI condition no longer exists and the SPI fault
status register has been read by the MCU.
In V10 Mode, the MAXI pin is configured as an input to
receive the MAXI signal from a second MC33810 device in
the system. In this mode a input MAXI signal has effectively
the same control as an internal MAXI signal. Further
information is provided in the V10 Mode application section
of this specification.
Table 11. Nominal Current DAC Select
DAC Command
Bits<4,3,2,1,0>
NOMI
Current (A)
Differential
Voltage
(mV
Rs = 20 m
Ω
(Gain = 2)
Differential
Voltage
(mV
Rs = 40 m
Ω
(Gain = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com