Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33810 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33810 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33810
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Gate Control
Current Limit
Temperature Limit
Short/Open
VPWR, VDD
Oscillator
DIN0
V2.5
VPWR
DIN1
DIN2
DIN3
~50 µA
~50 µA
~50 µA
~50 µA
GIN0
GIN1
GIN2
GIN3
~50 µA
~50 µA
~50 µA
~50 µA
VDD
~5 0µA
SPKDUR
SO
VDD
SI
SCLK
CS
~50 µA
VDD
LOGIC CONTROL
SPI
OUTEN
+
RS
lLimit
VOC1
–
Outputs 0 to 3
75 µA
OUT1
OUT2
OUT3
NOMI
Exposed
Pad
VDD
~50 µA
VDD
Bandgap
MAXI
+
–
SPI
+
–
+
–
DAC
DAC
+−
VPWR
VOC
GPGD
Low V
Clamp
Clamp
100 µA
GATE DRIVE
CONTROL
SPARK DURATION
PARALLEL
CONTROL
PWM
CONTROLLER
NOMI,MAXI
DAC
SPARK
DAC
Under-voltage
POR, Over-voltage
V8.0 Analog
V2.5 Logic
Bias
NOMI
MAXI
RSP
RSN
GD1
GD2
GD3
GD0
FB1
FB2
FB3
OUT0
+
–
SPI
Open Secondary
FB0
GND
INTERFACE
Exposed Pad
~15 µA
~15 µA
Only
GPGD
Figure 2. 33810 Simplified Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com