Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75394 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75394
Description  Single-Chip Electronic Volume Control System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75394 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75394 Datasheet HTML 1Page - Sanyo Semicon Device LC75394 Datasheet HTML 2Page - Sanyo Semicon Device LC75394 Datasheet HTML 3Page - Sanyo Semicon Device LC75394 Datasheet HTML 4Page - Sanyo Semicon Device LC75394 Datasheet HTML 5Page - Sanyo Semicon Device LC75394 Datasheet HTML 6Page - Sanyo Semicon Device LC75394 Datasheet HTML 7Page - Sanyo Semicon Device LC75394 Datasheet HTML 8Page - Sanyo Semicon Device LC75394 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Electrical Characteristics at Ta = 25°C, VDD = 10 V, VSS = 0 V
Input Amplifier Characteristics at Ta = 25°C, VDD – VSS = 10 V
No. 5466-2/17
LC75394NE
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
6.0
11.0
V
Input high level voltage
VIH
CL, DI, CE
4.0
VDD
V
Input low level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input voltage amplitude
VIN
CL, DI, CE, L1 to L4, R1 to R4, LTIN, RTIN, LVRIN,
VSS
VDD
Vp-p
RVRIN
Input pulse width
tøW
CL
1.0
µs
Setup time
tSETUP
CL, DI, CE
1.0
µs
Hold time
tHOLD
CL, DI, CE
1.0
µs
Operating frequency
fopg
CL
500
kHz
Parameter
Symbol
Conditions
min
typ
max
Unit
[Input block]
Input resistance
Rin
L1 to L4, R1 to R4
1
M
Ω
Clipping level
Vcl
LSELO, RSELO: THD = 1.0%
2.65
Vrms
Output load resistance
RL
LSELO, RSELO
3
k
Ω
[Volume control block]
Input resistance
Rin
LVRIN, RVRIN
60
100
140
k
Ω
[Equalizer control block]
Control range
Geq
Max, boost/cut
±8
±10
±12
dB
Step resolution
Estep
1
2
3
dB
Internal feedback resistance
Rfeed
17
28
39
k
Ω
[Overall characteristics]
Total harmonic distortion
THD (1)
VIN = 1 Vrms, f = 1 kHz, with all controls flat overall
0.0033
%
THD (2)
VIN = 1 Vrms, f = 20 kHz, with all controls flat overall
0.012
%
Crosstalk
CT
VIN = 1 Vrms, f = 1 kHz, with all controls flat overall,
86
dB
Rg = 1 k
Ω
Output at maximum attenuation
VO min
VIN = 1 Vrms, f = 1 kHz, main volume –∞
–90
dB
Output noise voltage
VN (1)
With all controls flat overall (IHF-A), Rg = 1 k
Ω
3.9
µV
VN (2)
With all controls flat overall (DIN-AUDIO), Rg = 1 k
Ω
5.4
µV
Current drain
IDD
VDD – VSS = 11 V
25
33
mA
Input high level current
IIH
CL, DI, CE, VIN = 11 V
10
µA
Input low level current
IIL
CL, DI, CE, VIN = 0 V
–10
µA
Parameter
Symbol
Conditions
min
typ
max
Unit
Input offset voltage
VIO
–10
+10
mV
Input offset current
IIO
VSS ≤ VIN ≤ VDD
±10
nA
Open-loop voltage gain
AO
80
dB
Width of 0 dB band
fT
2.5
MHz
Allowable load resistance
RL
3
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com