Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75394 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75394
Description  Single-Chip Electronic Volume Control System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75394 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75394 Datasheet HTML 1Page - Sanyo Semicon Device LC75394 Datasheet HTML 2Page - Sanyo Semicon Device LC75394 Datasheet HTML 3Page - Sanyo Semicon Device LC75394 Datasheet HTML 4Page - Sanyo Semicon Device LC75394 Datasheet HTML 5Page - Sanyo Semicon Device LC75394 Datasheet HTML 6Page - Sanyo Semicon Device LC75394 Datasheet HTML 7Page - Sanyo Semicon Device LC75394 Datasheet HTML 8Page - Sanyo Semicon Device LC75394 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Overview
The LC75394NE is an electronic volume control system
providing control over volume, balance, 5-band equalizer,
and input switching based on serial inputs.
Functions
• Volume control:
The chip provides 25 levels of volume attenuation: in 2-
dB steps between 0 dB and –20 dB, 3-dB steps between
–20 dB and –32 dB, 4-dB steps between –32 dB and –52
dB, 4.5-dB steps between –52 dB and –70 dB, and –
∞.
Independent control over left and right channels
provides balance control.
• Equalizer:
The chip provides control in 2-dB steps over the range
between +10 dB and –10 dB. Four of the five bands
have peaking equalization; the remaining one, shelving
equalization.
• Selector:
The left and right channels each offer a choice of four
inputs. An external constant determines the
amplification for the input signal.
Features
• Built-in buffer amplifiers reduce the number of external
parts necessary.
• Silicon gate CMOS reduces switching noise.
• Serial data input
—Supports CCB* format communication with the
system controller.
• A built-in reference voltage circuit divides the supply
voltage (VDD) in half.
Package Dimensions
unit: mm
3159-QFP64E
CMOS LSI
Ordering number : EN5466
91096HA (OT)/81095HA (OT) No. 5466-1/17
SANYO: QFP64E
[LC75394NE]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Single-Chip Electronic Volume Control System
LC75394NE
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
12
V
Maximum input voltage
VIN max
CL, DI, CE, L1 to L4, R1 to R4, LTIN, RTIN, LVRIN,
VSS – 0.3 to
V
RVRIN
VDD + 0.3
Allowable power dissipation
Pd max
Ta
≤ 85°C
310
mW
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
*


Similar Part No. - LC75394

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75391M SANYO-LC75391M Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
Single-Chip Electronic Volume Control System
LC75392M SANYO-LC75392M Datasheet
271Kb / 12P
Single-Chip Electronic Volume Control System
LC75395 SANYO-LC75395 Datasheet
457Kb / 17P
Single-Chip Electronic Volume Control System
More results

Similar Description - LC75394

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
Electronic Volume Control System on-Chip
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
Single Chip Electronic Volume and Tone Control System
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
Electronic Volume Control System on-Chip
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
Six-Channel Single-Chip Electronic Volume Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
Single-Chip Electronic Volume and Tone Control System
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com