Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120DA30CT1G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTM120DA30CT1G
Description  MOSFET SiC chopper diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120DA30CT1G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTM120DA30CT1G Datasheet HTML 1Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 2Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 3Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 4Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTM120DA30CT1G
www.microsemi.com
5 – 5
Typical SiC Diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
1.2
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Forward Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
10
20
30
40
0
0.5
11.5
22.5
33.5
VF Forward Voltage (V)
Reverse Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
50
100
150
200
400
600
800
1000 1200 1400 1600
VR Reverse Voltage (V)
Capacitance vs.Reverse Voltage
0
200
400
600
800
1000
1200
1400
1
10
100
1000
VR Reverse Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com