Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120DA30CT1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120DA30CT1G
Description  MOSFET SiC chopper diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120DA30CT1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120DA30CT1G Datasheet HTML 1Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 2Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 3Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 4Page - Microsemi Corporation APTM120DA30CT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTM120DA30CT1G
www.microsemi.com
1 – 5
11
CR1
Q2
10
9
12
NTC
12
3
4
6
5
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
31
ID
Continuous Drain Current
Tc = 80°C
23
IDM
Pulsed Drain current
195
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
360
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
657
W
IAR
Avalanche current (repetitive and non repetitive)
25
A
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
Features
•
Power MOS 8™ MOSFET
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
• SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Very low stray inductance
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Boost chopper
MOSFET + SiC chopper diode
Power Module
VDSS = 1200V
RDSon = 300mΩ typ @ Tj = 25°C
ID = 31A @ Tc = 25°C


Similar Part No. - APTM120DA30CT1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120DA30T1G MICROSEMI-APTM120DA30T1G Datasheet
150Kb / 5P
Boost chopper MOSFET Power Module
More results

Similar Description - APTM120DA30CT1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT17M120JCU3 MICROSEMI-APT17M120JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT22M100JCU2 MICROSEMI-APT22M100JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT22M100JCU3 MICROSEMI-APT22M100JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT26M100JCU2 MICROSEMI-APT26M100JCU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT33N90JCCU2 MICROSEMI-APT33N90JCCU2 Datasheet
142Kb / 5P
ISOTOP짰 Boost chopper Super Junction MOSFET SiC chopper diode
APTC60DDAM70CT1G MICROSEMI-APTC60DDAM70CT1G Datasheet
257Kb / 7P
Dual boost chopper Super Junction MOSFET SiC chopper diode
APTC60DSKM70CT1G MICROSEMI-APTC60DSKM70CT1G Datasheet
257Kb / 7P
Dual buck chopper Super Junction MOSFET SiC chopper diode
APTC60SKM24CT1G MICROSEMI-APTC60SKM24CT1G Datasheet
257Kb / 7P
Buck chopper Super Junction MOSFET SiC chopper diode
APTC90SKM60CT1G MICROSEMI-APTC90SKM60CT1G Datasheet
227Kb / 6P
Buck chopper Super Junction MOSFET SiC chopper diode
APTM100DA18CT1G MICROSEMI-APTM100DA18CT1G Datasheet
205Kb / 5P
Boost chopper MOSFET SiC chopper diode Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com