Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2906AL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N2906AL
Description  RADIATION HARDENED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2906AL Datasheet(HTML) 1 Page - Microsemi Corporation

  2N2906AL Datasheet HTML 1Page - Microsemi Corporation 2N2906AL Datasheet HTML 2Page - Microsemi Corporation 2N2906AL Datasheet HTML 3Page - Microsemi Corporation 2N2906AL Datasheet HTML 4Page - Microsemi Corporation 2N2906AL Datasheet HTML 5Page - Microsemi Corporation 2N2906AL Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
RADIATION HARDENED
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/291
T4-LDS-0055 Rev. 4 (100247)
Page 1 of 6
DEVICES
LEVELS
2N2906A
2N2907A
JANSM – 3K Rads (Si)
2N2906AL
2N2907AL
JANSD – 10K Rads (Si)
2N2906AUA
2N2907AUA
JANSP – 30K Rads (Si)
2N2906AUB
2N2907AUB
JANSL – 50K Rads (Si)
2N2906AUBC
2N2907AUBC
JANSR – 100K Rads (Si)
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
600
mAdc
Total Power Dissipation @ TA = +25°C
PT
(1)
0.5
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Ambient
RθJA
(1)
325
°C/W
1. See MIL-PRF-19500/291 for derating curves.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
60
Vdc
Collector-Base Cutoff Current
VCB = 60Vdc
VCB = 50Vdc
ICBO
10
10
μAdc
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0Vdc
VEB = 4.0Vdc
IEBO
10
50
μAdc
ηAdc
Collector-Emitter Cutoff Current
VCE = 50Vdc
ICES
50
ηAdc
TO-18 (TO-206AA)
2N2906A, 2N2907A
4 PIN
2N2906AUA, 2N2907AUA
3 PIN
2N2906AUB, 2N2907AUB
2N2906AUBC, 2N2907AUBC
(UBC = Ceramic Lid Version)


Similar Part No. - 2N2906AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2906AL MICROSEMI-2N2906AL Datasheet
68Kb / 2P
PNP SMALL SIGNAL SILICON TRANSISTOR
More results

Similar Description - 2N2906AL

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
Radiation-Hardened MicroController
logo
International Rectifier
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
RADIATION HARDENED POWER MOSFET
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
Radiation-Hardened MicroController
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
Radiation-Hardened FPGAs
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
RADIATION HARDENED
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
RADIATION HARDENED
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
RADIATION HARDENED
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
Radiation-Hardened
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com