Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2906AL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2906AL
Description  RADIATION HARDENED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2906AL Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2906AL Datasheet HTML 1Page - Microsemi Corporation 2N2906AL Datasheet HTML 2Page - Microsemi Corporation 2N2906AL Datasheet HTML 3Page - Microsemi Corporation 2N2906AL Datasheet HTML 4Page - Microsemi Corporation 2N2906AL Datasheet HTML 5Page - Microsemi Corporation 2N2906AL Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0055 Rev. 4 (100247)
Page 2 of 6
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 0.1mAdc, VCE = 10Vdc
2N2906A, L, UA, UB, UBC
2N2907A, L, UA, UB, UBC
40
75
IC = 1.0mAdc, VCE = 10Vdc
2N2906A, L, UA, UB, UBC
2N2907A, L, UA, UB, UBC
40
100
175
450
IC = 10mAdc, VCE = 10Vdc
2N2906A, L, UA, UB, UBC
2N2907A, L, UA, UB, UBC
40
100
IC = 150mAdc, VCE = 10Vdc
2N2906A, L, UA, UB, UBC
2N2907A, L, UA, UB, UBC
40
100
120
300
IC = 500mAdc, VCE = 10Vdc
2N2906A, L, UA, UB, UBC
2N2907A, L, UA, UB, UBC
hFE
40
50
Collector-Emitter Saturation Voltage
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
VCE(sat)
0.4
1.6
Vdc
Base-Emitter Voltage
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
VBE(sat)
0.6
1.3
2.6
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N2906A, L, UA, UB, UBC
2N2907A, L, UA, UB, UBC
hfe
40
100
Magnitude of Small–Signal Short-Circuit
Forward Current Transfer Ratio
IC = 20mAdc, VCE = 20Vdc, f = 100MHz
|hfe|
2.0
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
8.0
pF
Input Capacitance
VEB = 2.0Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
30
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
See MIL-PRF-19500/291
ton
45
ηs
Turn-Off Time
See MIL-PRF-19500/291
toff
300
ηs
(2) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com