Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6989U Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6989U
Description  MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6989U Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6989U Datasheet HTML 1Page - Microsemi Corporation 2N6989U Datasheet HTML 2Page - Microsemi Corporation 2N6989U Datasheet HTML 3Page - Microsemi Corporation 2N6989U Datasheet HTML 4Page - Microsemi Corporation 2N6989U Datasheet HTML 5Page - Microsemi Corporation 2N6989U Datasheet HTML 6Page - Microsemi Corporation 2N6989U Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0177 Rev. 1 (101229)
Page 2 of 7
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(4)
Forward-Current Transfer Ratio
hFE
IC = 0.1mAdc, VCE = 10Vdc
50
IC = 1.0mAdc, VCE = 10Vdc
75
325
IC = 10mAdc, VCE = 10Vdc
100
IC = 150mAdc, VCE = 10Vdc
100
300
IC = 500mAdc, VCE = 10Vdc
30
IC = 10mAdc, VCE = 10Vdc, TA = -55°C
35
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
0.3
1.0
Base-Emitter Saturation Voltage
VBE(sat)
Vdc
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
0.6
1.2
2.0
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Small–Signal Short-Circuit Forward Current Transfer Ratio
|hfe|
IC = 20mAdc, VCE = 10Vdc, f = 100MHz
2.5
8.0
Forward current Transfer Ratio
hfe
50
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
Output Capacitance
Cobo
8.0
pF
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Input Capacitance
Cibo
25
pF
VEB = 0.5Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
ton
SEE FIGURE 14 / MIL-PRF-19500/559
35
ηs
Turn-Off Time
toff
ηs
SEE FIGURE 15 / MIL-PRF-19500/559
300
(4) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com