Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6989U Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6989U
Description  MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6989U Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6989U Datasheet HTML 1Page - Microsemi Corporation 2N6989U Datasheet HTML 2Page - Microsemi Corporation 2N6989U Datasheet HTML 3Page - Microsemi Corporation 2N6989U Datasheet HTML 4Page - Microsemi Corporation 2N6989U Datasheet HTML 5Page - Microsemi Corporation 2N6989U Datasheet HTML 6Page - Microsemi Corporation 2N6989U Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
AND FLATPACK SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/559
T4-LDS-0177 Rev. 1 (101229)
Page 1 of 7
DEVICES
LEVELS
2N6989
2N6989U
JAN
2N6990
JANTX
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage (3)
VCEO
50
Vdc
Collector-Base Voltage (3)
VCBO
75
Vdc
Emitter-Base Voltage (3)
VEBO
6.0
Vdc
Collector Current (3)
IC
800
mAdc
Total Power Dissipation
@ TA = +25°C
2N6989 (2)
2N6989U (2)
2N6990 (2)
PD
1.5
1.0
1.0
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
°C
Note:
1. Maximum voltage between transistors shall be ≥ 500Vdc.
2. For derating, see figures 6, 7, 8 and 9. Ratings apply to total package.
3. For thermal impedance curves, see figures 10, 11, 12 and 13.
4. Ratings apply to each transistor in the array.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
50
Vdc
Collector-Base Cutoff Current
VCB = 60Vdc
VCB = 75Vdc
VCB = 60Vdc, TA = +150°C
ICBO
10
10
10
ηAdc
μAdc
μAdc
Emitter-Base Cutoff Current
VEB = 4.0Vdc
VEB = 6.0Vdc
IEBO
10
10
μAdc
ηAdc
TO-116 – 2N6989
20 PIN LEADLESS
2N6989U
14 PIN FLAT PACK
2N6990


Similar Part No. - 2N6989U

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
2N6989U OPTEK-2N6989U Datasheet
200Kb / 2P
Surface Mount Quad NPN Transistor
logo
Microsemi Corporation
2N6989U MICROSEMI-2N6989U Datasheet
61Kb / 2P
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
logo
TT Electronics.
2N6989U TTELEC-2N6989U Datasheet
240Kb / 3P
Surface Mount Quad NPN Transistor
logo
Microsemi Corporation
2N6989UJAN MICROSEMI-2N6989UJAN Datasheet
56Kb / 2P
MULTIPLE NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
2N6989UJANS MICROSEMI-2N6989UJANS Datasheet
56Kb / 2P
MULTIPLE NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
More results

Similar Description - 2N6989U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ6001 MOTOROLA-MPQ6001 Datasheet
504Kb / 6P
QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS
logo
Microsemi Corporation
2N6989JAN MICROSEMI-2N6989JAN Datasheet
56Kb / 2P
MULTIPLE NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
2N6987 MICROSEMI-2N6987 Datasheet
62Kb / 2P
MULTIPLE (QUAD) PNP SILICON SWITCHING TRANSISTOR
2N6989 MICROSEMI-2N6989 Datasheet
61Kb / 2P
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
logo
Seme LAB
2N7334 SEME-LAB-2N7334 Datasheet
26Kb / 2P
14 LEAD DUAL IN LINE QUAD
2N7336 SEME-LAB-2N7336 Datasheet
49Kb / 3P
14 LEAD DUAL IN LINE QUAD
MHQ2222 SEME-LAB-MHQ2222 Datasheet
41Kb / 2P
Quad Dual-In-Line NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
MD7002 NJSEMI-MD7002 Datasheet
97Kb / 2P
NPN SILICON ANNULAR MULTIPLE TRANSISTORS
logo
Motorola, Inc
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
MPQ6100 MOTOROLA-MPQ6100 Datasheet
82Kb / 2P
QUAD DUAL-IN-LINE SILICON ANNULAR TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com