Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCD
Description  Low Profile PCB Relay PCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCD Datasheet(HTML) 1 Page - Tyco Electronics

  PCD_09 Datasheet HTML 1Page - Tyco Electronics PCD_09 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Low Profile PCB Relay PCD
n
1 pole 10 A
n
1 NO contact
n
Low coil power 200 mW
n
Height 10.2 mm
n
Wash tight
Applications
Domestic appliances, coffeee machines, irons, office equipment
F0154-D
Approvals
Z E82292
Technical data of approved types on request
Contact data
Contact configuration
1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
10 A
Limiting continuous current
10 A
Maximum breaking capacity AC
2500 VA
Contact material
AgSnO2, AgCdO
Rated frequency of operation with / without load
10 / 300 min-1
Operate- / release time
max 8 / 2 ms
Bounce time NO / NC contact
max 3 / 2 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
UL 508
PCD-1…D2M(H)
NO
10 A, 250 VAC, resistive
85°C
50x103
PCD-1…D2M(H)
NO
15 A, 125 VAC, resistive
23°C
100x103
Coil data
Rated coil voltage range DC coil
3 ... 48 VDC
Operative range to IEC 61810
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
006
6
4.5
0.3
180
+10%
200
012
12
9.0
0.6
720
+10%
200
024
24
18.0
1.2
2880
+10%
200
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PCD_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCD109D1MH MACOM-PCD109D1MH Datasheet
88Kb / 2P
15 Amp Low Profile Power PC Board Relay
PCD109D1MH000 MACOM-PCD109D1MH000 Datasheet
88Kb / 2P
15 Amp Low Profile Power PC Board Relay
PCD109D1MHS000 MACOM-PCD109D1MHS000 Datasheet
88Kb / 2P
15 Amp Low Profile Power PC Board Relay
logo
NXP Semiconductors
PCD5090 PHILIPS-PCD5090 Datasheet
95Kb / 16P
DECT baseband controllers
1996 Oct 17
PCD5090H PHILIPS-PCD5090H Datasheet
95Kb / 16P
DECT baseband controllers
1996 Oct 17
More results

Similar Description - PCD_09

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
Low Profile Minature PCB Power Relay
logo
Tyco Electronics
PCD MACOM-PCD Datasheet
139Kb / 2P
Low Profile PCB Relay
PCD-124D2M MACOM-PCD-124D2M Datasheet
169Kb / 2P
Low Profile PCB Relay PCD
logo
Picker Components
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
Low Profile Minature PCB Power Relay
PC375L PICKER-PC375L_14 Datasheet
82Kb / 2P
Low Profile Latching PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_17 Datasheet
438Kb / 3P
Low Profile PCB Power Relay
PC375L PICKER-PC375L_17 Datasheet
501Kb / 2P
Low Profile Latching PCB Power Relay
logo
Amphenol PCD, Inc
MIL-PRF-12883 AMPHENOLPCD-MIL-PRF-12883 Datasheet
2Mb / 21P
Amphenol Pcd MIL-PRF-12883 Relay Sockets
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com