Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCD
Description  Low Profile PCB Relay PCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCD Datasheet(HTML) 2 Page - Tyco Electronics

  PCD_09 Datasheet HTML 1Page - Tyco Electronics PCD_09 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Low Profile PCB Relay PCD (Continued)
Product key
Typical product key
PCD
-1
24
-D
2
M
Type
PCD Low Profile PCB Relay PCD
Number of contacts
1
1 NO contact
Coil
5
5 VDC
6
6 VDC
12 12 VDC
24 24 VDC
Coil version
D
standard 200 mW
Contact material
1
AgCdO
2
AgSnO2
Contact configuration
M
1 NO contact (1 form A)
Version
-
flux proof
H
wash tight
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0259-AA
S0259-AB
S0287-B
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
PCD-105-D2M
standard 200mW
AgSnO2
1 NO contact
5 VDC
1721105-1
PCD-112-D2M
flux proof
12 VDC
1721105-4
PCD-124-D2M
24 VDC
1721105-5
PCD-148-D2M
48 VDC
1721105-6
PCD-105-D2MH
standard 200mW
5 VDC
1721105-7
PCD-112-D2MH
wash tight
12 VDC
1-1721105-0
PCD-124-D2MH
24 VDC
1-1721105-1
PCD-148-D2MH
48 VDC
1-1721105-2
Insulation
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
750 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
Material group of insulation parts
W IIIa
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
basic
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
240 V
Overvoltage category
III
Other data
Mechanical endurance
>10x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant per as par product date code "DT"
(refers to June 2004),
Environment
Ambient temperature range
-30 ... +70°C
Shock resistance (function) NO / NC contact
10 ms
Shock resistance (destruction)
100 g
Category of protection
RT II - flux proof, RT III - wash tight
Processing
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5 s
Relay weight
9 g
Packaging unit
1000 pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com