Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCN
Description  Slimline PCB Relay PCN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCN Datasheet(HTML) 1 Page - Tyco Electronics

  PCN Datasheet HTML 1Page - Tyco Electronics PCN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Slimline PCB Relay PCN
n 1 pole 3 A, 1 NO contact
n Only 5 mm wide
n 3 A switching current; 5 A version available
n Load range 1 mA up to 3 A
n Sensitive coil 120 mW
n Allows high function- / packing density
n Cadmium-free contacts
n Z type with reinforced insulation
Applications
Centralized and decentralized heating control, extremely narrow interface
elements, interface technology, timers, PLC's, I/O modules, I/O-ports
F0258-B
Approvals
V REG.-Nr. 6166; Z E82292
Technical data of approved types on request
Contact data
Contact configuration
1NO
Contact set
bifurcated contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250/277 VAC
Rated current
3 A
Limiting continuous current
3 A
Maximum breaking capacity AC
750 VA
Limiting making capacity, max 4 s, duty factor 10%
5 A
Contact material
AgNi90/10
Minimum contact load
5V / 1mA
Rated frequency of operation with / without load
10 / 600 min-1
Operate- / release time
max. 8/3 ms
Bounce time NO / NC contact
max. 2/2 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
PCN-1..D3MHZ
NO
3 A, 250 VAC, cos
ϕ=1
70°C
100x103
PCN-1..D3MHZ-001 NO
5 A, 250 VAC, cos
ϕ=1
85°C
30x103
UL 508
PCN-1..D3MHZ
NO
3 A, 250 VAC, resistive
25°C
100x103
PCN-1..D3MHZ
NO
Pilot duty, B300
25°C
6x103
PCN-1..D3MHZ
NO
Pilot duty, R300
25°C
6x103
PCN-1..D3MHZ
NO
9 A LRA, 1,5A FLA, 240 VAC
45°C
30x103
Coil data
Rated coil voltage range DC coil
5...24 VDC
Operative range to IEC 61810
1
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.5
0.5
208
+10%
120
006
6
4.2
0.6
300
+10%
120
009
9
6.3
0.9
675
+10%
120
012
12
8.4
1.2
1200
+10%
120
024
24
16.8
2.4
4800
+10%
120
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PCN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCN MACOM-PCN Datasheet
173Kb / 2P
Slim PCB Relay
logo
List of Unclassifed Man...
PCN-1001 ETC2-PCN-1001 Datasheet
351Kb / 3P
Optimizing customer services Optimizing use of resources Real-time service planning
logo
Tyco Electronics
PCN-105D3 MACOM-PCN-105D3 Datasheet
173Kb / 2P
Slim PCB Relay
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
153Kb / 2P
Slim PCB Relay PCN
PCN-106D3 MACOM-PCN-106D3 Datasheet
173Kb / 2P
Slim PCB Relay
More results

Similar Description - PCN

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC385 PICKER-PC385 Datasheet
218Kb / 2P
Slimline Power PCB Relay
logo
Tyco Electronics
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
153Kb / 2P
Slim PCB Relay PCN
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
Slimline PCB Relay SNR
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
Slimline PCB Relay SNR
logo
Omron Electronics LLC
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com