Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCN
Description  Slimline PCB Relay PCN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCN Datasheet(HTML) 2 Page - Tyco Electronics

  PCN Datasheet HTML 1Page - Tyco Electronics PCN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Slimline PCB Relay PCN (Continued)
Product key
Typical product key
PCN
-1
06
D
3
M
H
Z
Type
PCN Slim PCB Relay PCN
Number of contacts
1
1 pole
Coil
Coil code: please refer to coil versions table
Coil version
D
standard 120 mW
Contact material
3
AgNi
Contact configuration
M
1 NO contact (1 form A)
Version
H
wash tight
Insulation
Z
tracking resistance of relay base PTI 600
Version
Blank
3 A version
001
5 A version
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0471-AA
S0471-AB
S0472-B
Product key
Contacts
Coil
Coil
Contacts
Version
Part number
PCN-105D3MHZ
1-pole
5 VDC
standard
1 NO contact
wash tight
3-1461491-0
PCN-106D3MHZ
6 VDC
120 mW
AgNi
high insulation
3-1461491-1
PCN-112D3MHZ
12 VDC
3-1461491-3
PCN-124D3MHZ
24 VDC
3-1461491-6
Insulation
Dielectric strength coil-contact circuit
3000 Vrms
open contact circuit
750 Vrms
Clearance / creepage coil-contact circuit
W 3,5 / 3,5 mm
Material group of insulation parts
I
Tracking index of relay base
PTI 600
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
Rated insulation voltage
320 V
Pollution degree
2
Rated voltage system
277 V
Overvoltage category as basic insulation
III
Overvoltage category as reinforced insulation
II
Other data
Mechanical endurance
20x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0424
Environment
Ambient temperature range
-30...+70 °C
Vibration resistance (function) NO / NC contact
10 g
Shock resistance (function) NO / NC contact
10 g
Shock resistance (destruction)
100 g
Category of protection
RTIII - wash tight
Processing
Mounting
pcb
Mounting position
any
Minimum mounting distance
W 0 mm
Resistance to soldering heat wash tight version
260°C / 5 s
Relay weight
3 g
Packaging unit
25 / 2000 pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com