Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM20-5-AC1-R-C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # ACM20-5-AC1-R-C
Description  Four-Function AC Power Meters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ACM20-5-AC1-R-C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  ACM20-5-AC1-R-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Measurement Limits
Min.
Typ.
Max.
Units
AC Voltage
85.0
-
264.0
Volts
AC Current, 10A models
AC Current, 32A models
AC Current, 100A models
0.00
0.00
0.0
-
-
-
9.999
32.00
100.0
Amperes
Amperes
Amperes
Active Power: 10A models
Active Power: 32A models
Active Power: 100A models
0
0
0
-
-
-
999.9
9999
26.4
Watts
Watts
kW
Frequency
47.0
-
63.0
Hz
Power Factor
.00
1.00
-
-
Overcurrent Rating
1.5 x rated full-scale current
Performance
Sampling Rate
2-3 samples / sec
Voltage Accuracy
±1%
Current Accuracy
±1%
Power Accuracy
±2%
Frequency Accuracy
±0.1
Hz
Power Factor Accuracy
±3%
Measurement Bandwidth
140Hz (Voltage), 14kHz (Current)
Temperature Drift (0 to 60ºC)
0.5 Counts/ºC
Zero-Current Reading (within 2 sec.)
0.00
Amps
Zero-Power Reading (within 2 sec.)
0
Watts
Supply Voltage (TB1) (Measurement Category II)
All Models – 47-63 Hz
85
120
264
Vac
Supply Current
All Models
35
50
110
mA
Power Supply Terminal Block
Wire Size
16-22AWG, solid or stranded
Insulation Strip Length
6.4mm (0.250 in)
Screw Tightening Torque
0.4Nm (3.6 lb-in)
Rated Voltage
300Vac
Display
Display Type and Size
4 Digit LED, 9.14mm (0.36in) high
Overrange Indication
Flashing ‘9999’ Watts
Decimal Point Selection
Automatically Set
Physical/Environmental
Operating Temperature
0
+60
°C
Storage Temperature
–40
+75
°C
Humidity (non-condensing)
0
85
%
Dimensions
See mechanical specifications
Weight: 32A models
Weight: 100A models
1.3oz (37.9g)
1.5oz (43.5g)
Hex Nut Tightening Torque
0.14 N-m (20 ozf-in)
➀Specified full-scale currents are those passing through the power meter’s built-in current
transformer’s primary load-circuit.
➁The overcurrent rating of 1.5 x the rated full-scale current is a continuous rating and applies
to the current passing through the built in current transformer. Accuracy is guaranteed up to
the rated current.
➂ACM20 Power Meters are calibrated with near full-scale 60Hz sine-wave inputs.
➃All specified maximum supply currents are steady state; larger surge currents can occur at
initial application of line power.
➄Applies to 10A and 32A models only.
Performance/Functional Specifications
Typical at TA=+ 25ºC, 120Vac @ 60Hz, unless otherwise noted
ORDERING INFORMATION
ACM20-2-AC1-R-C
10A, 85-264Vac Supply (Power Factor Reading)
ACM20-5-AC1-R-C
32A, 85-264Vac Supply (Power Factor Reading)
ACM20-4-AC1-R-C
100A, 85-264Vac Supply (Power Factor Reading)
ACM20-2-AC1-R-F-C
10A, 85-264Vac Supply (Frequency Reading)
ACM20-5-AC1-R-F-C
32A, 85-264Vac Supply (Frequency Reading)
ACM20-4-AC1-R-F-C
100A, 85-264Vac Supply (Frequency Reading)
TECHNICAL NOTES
IMPORTANT! To ensure safe and reliable operation, ACM20 power
meters must be installed and serviced by qualified technical person-
nel. Contact Murata Power Solutions if there is any doubt regarding
their installation or operation.
1. Measurement Type: ACM20 series multifunction AC power meters
employ a precision energy metering integrated circuit and a low-
power microcontroller to measure and display the rms voltage and
current, active (real) power, power factor (or line frequency on ‘–F’
suffix models) of ac mains supplies from 47-63Hz. Please note,
ACM20 power meters use the voltage present at their TB1 terminal
block and the secondary current of their built-in current transformer
L1 to calculate and then display VOLTS, AMPS, WATTS, power factor
(PF), or line frequency on ‘-F’ HERTZ models.
While the ACM20 displays the rms value of line voltage and line
current, the VOLTS reading has an upper limit of 140Hz (-3db point),
which means rectangular-shaped voltage waveforms, and waveforms
with sharp transitions, will read lower than their true-rms value. For
example, a square wave line voltage will read approximately 1-2%
lower, a triangle wave will read 3% lower, and a modified sine wave
will read 18% lower. The oscillograms on page seven illustrate typical
ACM20 VOLTS readings when powered from four ac waveforms.
The 140Hz bandwidth limit does not apply to the WATTS reading nor
to the AMPS reading. The circuitry used for these two measurements
has an upper bandwidth of 14kHz. ACM20 power meters are mains
operated devices designed to measure ac currents and voltages,
within the specified limits previously noted. DC currents and voltages
will not be measured accurately.
2. Basic Operation: Upon application of ac power to TB1, the unit will
first perform a self-test routine and then continuously display ac volts
with the VOLTS LED annunciator illuminated. The display will remain
in the VOLTS mode as long as the front panel ‘SEL’ button is not
touched.
After the unit powers up to normal operation in the VOLTS reading
mode, momentarily (approximately one second) touching the ‘SEL’
button on the unit’s front panel three times in succession will cycle
the display to AMPS, WATTS, and end at PF (or HERTZ for ‘–F’ mod-
els). Momentarily touching ‘SEL’ a fourth time will return the display
back to the VOLTS reading mode.
Holding the ‘SEL’ button down for 3 seconds will place the unit in a
continuous auto-cycling mode, and the display will repetitively scroll
through all four measurements, with each measurement remaining
displayed for 3 seconds.
!
ACM20 Series
Four-Function AC Power Meters
www.murata-ps.com/dpm
email: sales@murata-ps.com
03 Mar 2011
MPM_ACM20 Series.A09 Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com