Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM20-5-AC1-R-C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # ACM20-5-AC1-R-C
Description  Four-Function AC Power Meters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ACM20-5-AC1-R-C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  ACM20-5-AC1-R-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ACM20-5-AC1-R-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL WIRING DIAGRAMS, CONT.
L1
L2
220 V
LOAD
B
A
220 Vac (50/60 Hz)
TB1
Epoxy encapsulation
Polarity dot on bottom
Fuse*
Figure 2. Wiring diagram for 220/240V systems with no neutral
Figure 3. Wiring diagram for 220/240V systems with neutral (monitoring L1)
L1 Neutral L2
220 V
LOAD
B
A
220 Vac (50/60 Hz)
TB1
Fuse*
Epoxy encapsulation
Polarity dot on bottom
Figure 4. Wiring diagram for 220/240V systems with neutral (monitoring L2)
L1 Neutral L2
220 V
LOAD
B
A
220 Vac (50/60 Hz)
TB1
Fuse*
Epoxy encapsulation
Polarity dot on bottom
Note: If the ACM20 displays zero Watts with
power applied to the load, reverse the direction
of the wire passing through the CT's center hole.
See Technical Note 6 for more information.
Note: If the ACM20 displays zero Watts with
power applied to the load, reverse the direction
of the wire passing through the CT's center hole.
See Technical Note 6 for more information.
Note: If the ACM20 displays zero Watts with
power applied to the load, reverse the direction
of the wire passing through the CT's center hole.
See Technical Note 6 for more information.
*See technical note 5.
*See technical note 5.
*See technical note 5.
ACM20 Series
Four-Function AC Power Meters
www.murata-ps.com/dpm
email: sales@murata-ps.com
03 Mar 2011
MPM_ACM20 Series.A09 Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com