Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM20-4-AC1-R-C Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # ACM20-4-AC1-R-C
Description  Four-Function AC Power Meters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ACM20-4-AC1-R-C Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  ACM20-4-AC1-R-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL SPECIFICATIONS
OSCILLOGRAMS
The graphs below show typical ACM20 power meter VOLTS readings when the unit is powered from four common ac-voltage waveforms.
VOLTS
AC POWER METER
AMPS WATTS
SEL
PF
1.43
(36.3)
2.10 (53.3)
Front View
Back View
0.51
(12.95)
1.07
(27.20)
0.40
(10.16)
0.12 (3.05) (min)
0.12 (3.05) (min)
Side View
1.63
(41.4)
0.086 DIA (REF)
2-56 UNC THREAD
0.33 (8.39)
(min)
0.22 (5.59)
(min)
0.60
(15.24)
(max)
Bottom View
Dimensions are in inches (mm).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.51)
.XXX ± 0.010 (0.254)
Angles ± 2˚
B
A
TB1
Lead Length
2.0 (50.5) min.
L1
Diameter:
10A and 32A models: 0.35 (8.9)
100A models: 0.57 (14.5)
a
ame
meter:
ACM20 Series
Four-Function AC Power Meters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2011 Murata Power Solutions, Inc.
www.murata-ps.com/locations
email: sales@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
03 Mar 2011
MPM_ACM20 Series.A09 Page 6 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com