Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM20-4-AC1-R-C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # ACM20-4-AC1-R-C
Description  Four-Function AC Power Meters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ACM20-4-AC1-R-C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  ACM20-4-AC1-R-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ACM20-4-AC1-R-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
Murata Power Solutions’ ACM20 series AC power meters display the most critical measure-
ments in mains-powered equipment: voltage, amperage, active power (watts), and power
factor. A front panel selector-switch provides two modes of operation: a fixed reading of
any of the four parameters, or a continuous cycling through all four measurements. An
optional model displays line frequency with 0.1Hz resolution. All ACM20 multi-function
power meters include built-in current transformers—no other user-supplied components
are required.
ACM20 series AC power meters are available in a choice of three input ranges: 0-10A (with
0.001A resolution, 999.9 watts max.); 0-32A (with 0.01A resolution, 9999 watts max.); and
0-100A (0.1A resolution, 26.4kW max.). An 85-264Vac (47-63Hz) operating supply range
makes these power meters perfect for worldwide power monitoring applications. And,
unlike conventional, average-responding products, ACM20 power meters can accurately
display the real power and true-rms current values of triangle waves, square waves, and
other irregularly shaped waveforms, with a typical accuracy of ±1% of full scale.
Their large (0.36"/9.2mm), bright red LED display makes ACM20 AC power meters easily
readable from as far as 15 feet (5 meters). All units are packaged in a one-piece, vibration
resistant, polycarbonate housing that can be installed in vertical ‘0U’ and ‘1U’ rack spaces.
Their miniature size is perfect for UPS power sources, power strips, laboratory instrumenta-
tion, alternative energy applications, and any other products that require precise monitoring
of AC power.
PRODUCT OVERVIEW
FEATURES
„ Displays AC Volts,Amps,Watts, and Power Factor or Hertz
„ Two display modes: continuous auto cycling or fixed
„ Universal 85-264Vac (47-63Hz) operating range
(Measurement Category II)
„ Built-in current transformers simplify installation; choice of
10A, 32A, or 100A ranges
„ Ideal for power distribution units (PDUs) and power strips
„ True-rms readings of complex voltage and current waveforms
„ Low-power consumption: less than ¼watt from 120Vac
„ One-piece polycarbonate housing fits ‘0U’ & ‘1U’ racks
„ Surface mount design occupies minimal panel space
„ Bright red LED-display with four annunciators
„ Optional Frequency reading models (0.1Hz resolution)
„ Approvals to UL/CSA/IEC/EN 61010-1
SIMPLIFIED SCHEMATIC DIAGRAM
A
B
85-264 Vac
47-63 Hz
AC/DC
CONVERTER
MICRO-
CONTROLLER
SEL
+5V
+5V
+5V
A/D
CONVERTER
LOAD CURRENT
L1
VOLTS
AMPS
WATTS
PF
Actual size
C
®
US E156931
New!
Low-W
attage
Models
Available
ACM20 Series
Four-Function AC Power Meters
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com/dpm
www.murata-ps.com
email: sales@murata-ps.com
03 Mar 2011
MPM_ACM20 Series.A09 Page 1 of 6


Similar Part No. - ACM20-4-AC1-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACM20-4-AC1-R-C MURATA-PS-ACM20-4-AC1-R-C Datasheet
439Kb / 6P
Four-Function AC Power Meters
ACM20-4-AC1-R-C MURATA-PS-ACM20-4-AC1-R-C Datasheet
444Kb / 6P
Four-Function AC Power Meters
More results

Similar Description - ACM20-4-AC1-R-C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6080 HAMAMATSU-C6080 Datasheet
141Kb / 2P
UV Power METERS
logo
Extech Instruments Corp...
380942 EXTECH-380942 Datasheet
327Kb / 1P
Mini DC/AC Clamp Meters
logo
Murata Power Solutions ...
ACM20 MURATA-PS-ACM20 Datasheet
439Kb / 6P
Four-Function AC Power Meters
ACM20 MURATA-PS-ACM20_10 Datasheet
444Kb / 6P
Four-Function AC Power Meters
logo
Honeywell Accelerometer...
28100 HONEYWELL-ACC-28100 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
Extech Instruments Corp...
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
400A AC and AC/DC Clamp Meters
MA220 EXTECH-MA220_15 Datasheet
229Kb / 1P
400A AC and AC/DC Clamp Meters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com