Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3672-USB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY3672-USB
Description  One-PLL General-Purpose Flash-Programmable Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 3Page - Cypress Semiconductor CY3672-USB Datasheet HTML 4Page - Cypress Semiconductor CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY22050,
CY220501
Document #: 38-07006 Rev. *I
Page 9 of 11
Package Drawing and Dimensions
Figure 7. 16-pin TSSOP 4.40 mm Body
Acronyms
Document Conventions
Units of Measure
51-85091-*B
Acronym
Description
ESR
equivalent series resistance
PC
personal computer
PCB
printed circuit board
PLL
phase-locked loop
TSSOP
thin small-outline package
VCO
voltage controlled oscillator
Symbol
Unit of Measure
°C
degree Celcius
dBC
decibels relative to carrier
Hz
Hertz
kHz
kilo Hertz
µA
micro Amperes
mA
milli Amperes
ms
milli seconds
mW
milli Watts
MHz
Mega Hertz
μAmicro Amps
μF
micro Farads
ns
nano seconds
pF
pico Farad
ps
pico seconds
VVolts
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com