Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3672-USB Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY3672-USB
Description  One-PLL General-Purpose Flash-Programmable Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY3672-USB Datasheet HTML 1Page - Cypress Semiconductor CY3672-USB Datasheet HTML 2Page - Cypress Semiconductor CY3672-USB Datasheet HTML 3Page - Cypress Semiconductor CY3672-USB Datasheet HTML 4Page - Cypress Semiconductor CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY22050,
CY220501
Document #: 38-07006 Rev. *I
Page 2 of 11
Pin Configuration
Figure 1. 16-Pin TSSOP
Table 1. Pin Definitions
Name
Pin Number
Description
XIN
1
Reference Input. Driven by a crystal (8 MHz–30 MHz) or external clock (1 MHz–133 MHz).
Programmable input load capacitors allow for maximum flexibility in selecting a crystal, based on
manufacturer, process, performance, or quality.
VDD
2
3.3 V voltage supply
AVDD
3
3.3 V analog voltage supply
PWRDWN[1]
4
Power Down. When pin 4 is driven LOW, the CY22050 goes into shut down mode.
AVSS
5
Analog ground
VSSL
6
LCLK ground
LCLK1
7
Configurable clock output 1 at VDDL level (3.3 V or 2.5 V)
LCLK2
8
Configurable clock output 2 at VDDL level (3.3 V or 2.5 V)
LCLK3
9
Configurable clock output 3 at VDDL level (3.3 V or 2.5 V)
OE[1]
10
Output Enable. When pin 10 is driven LOW, all outputs are three-stated.
VDDL
11
LCLK voltage supply (2.5 V or 3.3 V)
LCLK4
12
Configurable clock output 4 at VDDL level (3.3 V or 2.5 V)
VSS
13
Ground
CLK5
14
Configurable clock output 5 (3.3 V)
CLK6
15
Configurable clock output 6 (3.3 V)
XOUT[2]
16
Reference output
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VSSL
OE
LCLK1
XIN
XOUT
VDD
PWRDWN
AVSS
LCLK3
LCLK2
CLK6
CLK5
AVDD
VDDL
LCLK4
Notes
1. The CY22050 has no internal pull up or pull down resistors. PWRDWN and OE pins need to be driven as appropriate or tied to power or ground.
2. Float XOUT if XIN is driven by an external clock source.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com