Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS545 Datasheet(PDF) 16 Page - Integrated Circuit Solution Inc

Part # ICS9LPRS545
Description  48-pin CK505 for Intel Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9LPRS545 Datasheet(HTML) 16 Page - Integrated Circuit Solution Inc

Back Button ICS9LPRS545 Datasheet HTML 9Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 10Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 11Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 12Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 13Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 14Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 15Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 16Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 17Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS9LPRS545
Datasheet
1479A—07/28/09
INDEX
AREA
12
N
D
E1
E
a
SEATING
PLANE
A1
A
A2
e
-C-
b
c
L
aaa
C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
48
12.40
12.60
.488
.496
10-0039
6.10 mm. Body, 0.50 mm. Pitch TSSOP
(240 mil)
(20 mil)
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
0.50 BASIC
0.020 BASIC
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
Reference Doc.: JEDEC Publicat ion 95, M O-153
Ordering Information
Part / Order Number
Shipping Packaging
Package
Temperature
Wake-on LAN Default
9LPRS545BFLF
Tubes
48-pin SSOP
0 to +70°C
9LPRS545BFLFT
Tape and Reel
48-pin SSOP
0 to +70°C
9LPRS545BGLF
Tubes
48-pin TSSOP
0 to +70°C
9LPRS545BGLFT
Tape and Reel
48-pin TSSOP
0 to +70°C
9LPRS545CFLF
Tubes
48-pin SSOP
0 to +70°C
9LPRS545CFLFT
Tape and Reel
48-pin SSOP
0 to +70°C
9LPRS545CGLF
Tubes
48-pin TSSOP
0 to +70°C
9LPRS545CGLFT
Tape and Reel
48-pin TSSOP
0 to +70°C
Disabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com