Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS545 Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # ICS9LPRS545
Description  48-pin CK505 for Intel Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9LPRS545 Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button ICS9LPRS545 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 8Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 9Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 10Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 11Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 12Page - Integrated Circuit Solution Inc ICS9LPRS545 Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS9LPRS545
Datasheet
1479A—07/28/09
PCI_STOP# Power Management
SMBus OE Bit
PCI_STOP#
Stoppable
Free running
Stoppable
Free running
1
Running
Running
Running
Running
0
Low
Running
CK= High
CK# = Low
Running
Disable
X
CPU_STOP# Power Management
SMBus OE Bit
Stoppable
Free running
1
Running
Running
0
CK= High
CK# = Low
Running
Disable
X
CR# Power Management
SMBus OE Bit
CR#
CR# controlled
Free running
1
Running
Running
0
Disable
X
PD# Power Management
Device State
w/o Latched input
w/Latched input
Latches Open
Low
Power Down
25MHz
M1
25MHz
Virtual Power Cycle
to Latches Open
25MHz
CPU1
CK= Pull down,
CK# = Low
CK= Pull down,
CK# = Low
CK= Pull down,
CK# = Low
Running
CK= Pull down
CK# = Low
Enable
CK= Pull down, CK# = Low
CK= Pull down,
CK# = Low
Low
Hi-Z
Single-ended Clocks
(Except SE1)
CK= Pull down
CK# = Low
CK= Pull down
CK# = Low
Low
SE1
w/B11b5 = 0
Enable
CK= Pull down, CK# = Low
Low
CPU_STOP#
Enable
Single-ended Clocks
Differential Clocks
(Except CPU)
Low
CK = Pull down, CK# = Low
CPU Clocks
Differential Clocks
(Except CPU)
SE1
w/B11b5 = 1
Differential Clocks
(Except CPU1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com