Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2829 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2829
Description  Very Low Output Negative Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2829 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2829 Datasheet HTML 1Page - New Japan Radio NJM2829 Datasheet HTML 2Page - New Japan Radio NJM2829 Datasheet HTML 3Page - New Japan Radio NJM2829 Datasheet HTML 4Page - New Japan Radio NJM2829 Datasheet HTML 5Page - New Japan Radio NJM2829 Datasheet HTML 6Page - New Japan Radio NJM2829 Datasheet HTML 7Page - New Japan Radio NJM2829 Datasheet HTML 8Page - New Japan Radio NJM2829 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NJM2829
- 4 -
Ver.2011-01-27
TYPICALAPPLICATION
ON/OFF control
ON/OFF control can be achieved by applying positive control voltage to CONTROL terminal.
Apply positive Vcont ("H") to make chip to be ON (Enabled), and either Vcont is "L" or open (High Z) to make chip to
be OFF (Disabled).
The relations between Vcont and the state is as follows:
Vcont +1.6V
≤ Vcont ≤ +5V ("H" level):
ON state
Vcont 0V
≤ Vcont ≤ +0.6V ("L" level):
OFF state
Vcont +0.6V < Vcont < +1.6V ("L" level):
Undefined
In case ON/OFF control is not used, keep applying positive Vcont to CONTROL terminal to make chip ON.
Note that negative Vcont does not make the chip enabled.
VIN
VOUT
CONTROL
GND
0.1µF
2.2µF*3
VOUT
VIN
R
CS
CONTROL
CS
0.047µF
NJM2829
*3) Vo>-0.9V version: Co=4.7
µ F(Ceramic)
* In the case of using a resistance "R" between VIN and control.
The current flow into the control terminal while the IC is ON state (ICONT) can be reduced when a pull up resistance
"R" is inserted between VIN and the control terminal.
The minimum control voltage for ON state (VCONT(ON)) is increased due to the voltage drop caused by ICONT and the
resistance "R".
* Input Capacitance CIN
Input Capacitance CIN is required to prevent oscillation and reduce power supply ripple for applications with high
power supply impedance or a long power supply line.
Use the CIN value of 0.1µF greater to avoid the problem.
CIN should connect between GND and VIN as short as possible.
*Output Capacitance CO
Output capacitor (Co) is required for a phase compensation of the internal error amplifier. The capacitance and the
equivalent series resistance (ESR) influences stability of the regulator.
This product is designed to work with a low ESR capacitor for the Co; however, use of recommended capacitance or
greater value is essential for stable operation.
Use of a smaller Co may cause excess output noise or oscillation of the regulator due to lack of the phase
compensation.
Therefore, use Co with the recommended capacitance or greater value and connect between Vo terminal and GND
terminal with minimal wiring. The recommended capacitance depends on the output voltage. Low voltage regulator
requires greater value of the Co. Thus, check the recommended capacitance for each output voltage.
Use of a greater Co reduces output noise and ripple output, and also improves transient response of the output
voltage against rapid load change.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com