Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2829 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2829
Description  Very Low Output Negative Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2829 Datasheet(HTML) 9 Page - New Japan Radio

  NJM2829 Datasheet HTML 1Page - New Japan Radio NJM2829 Datasheet HTML 2Page - New Japan Radio NJM2829 Datasheet HTML 3Page - New Japan Radio NJM2829 Datasheet HTML 4Page - New Japan Radio NJM2829 Datasheet HTML 5Page - New Japan Radio NJM2829 Datasheet HTML 6Page - New Japan Radio NJM2829 Datasheet HTML 7Page - New Japan Radio NJM2829 Datasheet HTML 8Page - New Japan Radio NJM2829 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NJM2829
- 9 -
Ver.2011-01-27
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including the
industrial rights.
0
NJM2829_-1.0V
Load Transient Response
-0.90
150
-0.96
0
-0.92
100
-0.94
50
-0.98
-50
-1.00
-100
-1.02
-150
-1.04
-200
-1.06
-250
40
80
120
160
200
Time:t(µs)
Output Current
Output Voltage
@:Ta=25°C
Vcont=3.2V
Io=50-100mA
Co=2.2uF(ceramic)
Cin=0.1uF
0
Time:t(ms)
50
-2
-12
10
20
30
40
-1
-8
-0.5
-1.5
-10
0-4
1.5
2
10
NJM2829_-1.0V
4
-2
-6
ON/OFF Transient Response without road
2
0.5
Control Voltage
Output Voltage
@:Ta=25°C
Vcont=3.2V
Io=0mA
Co=2.2uF(ceramic)
Cs=0.047uF
0
NJM2829_-1.0V
Line Transient Response
-0.88
-0.98
-1.04
-1
-0.90
-2
-0.92
-3
-0.94
-4
-0.96
-5
-6
-1.00
-7
-1.02
-8
-9
40
80
120
160
200
Time:t(us)
Input Voltage
Output Voltage
@:Ta=25°C
Vcont=3.0V
Io=30mA
Co=2.2uF(ceramic)
Cin=0uF
0
Time:t(ms)
50
-2
-12
10
20
30
40
-1
-8
-0.5
0-4
1.5
2
10
NJM2829_-1.0V
4
-2
-6
-1.5
-10
ON/OFF Transient Response
2
0.5
Control Voltage
Output Voltage
@:Ta=25°C
Vcont=3.2V
Io=30mA
Co=2.2uF(ceramic)
Cs=0.047uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com