Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9504 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP9504
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9504 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP9504 Datasheet HTML 6Page - Microchip Technology MCP9504 Datasheet HTML 7Page - Microchip Technology MCP9504 Datasheet HTML 8Page - Microchip Technology MCP9504 Datasheet HTML 9Page - Microchip Technology MCP9504 Datasheet HTML 10Page - Microchip Technology MCP9504 Datasheet HTML 11Page - Microchip Technology MCP9504 Datasheet HTML 12Page - Microchip Technology MCP9504 Datasheet HTML 13Page - Microchip Technology MCP9504 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCP9501/2/3/4
DS22268A-page 10
© 2011 Microchip Technology Inc.
4.1.2
POWER SUPPLY REJECTION
The MCP9501/2/3/4 family does not require any
additional components. However, it is recommended
that a decoupling capacitor of 0.1 µF to 1 µF be used
between the VDD and GND pins. A high-frequency
ceramic capacitor is recommended. It is necessary for
the capacitor to be located as close as possible to the
power pins in order to provide effective noise
protection.
FIGURE 4-5:
Power-supply Filter using a
Single Resistor.
For applications where a switching regulator is used to
power the sensor, it is recommended to add a 200
Ω
resistor in series to VDD to filter out the switcher noise.
It is also recommended to add the series resistor in
applications where a linear regulator is used to
step-down a switching regulator voltage to power the
sensor, as shown in Figure 4-5. For example, if a
linearly regulated 3.3V from a 5V switching regulator is
used to power the sensor, add a 200
Ω series resistor.
The MCP9501/2/3/4 family of sensors is designed to
prevent false output trigger due to high frequency
power supply or system noise. Figure 4-6 shows the
device performance with a high frequency signal added
on VDD. The output is not triggered due to the signal
added
on
VDD. With some applications, it is
recommended to add a bypass capacitor of 0.1 µF to
1µF.
FIGURE 4-6:
Power Supply Rejection.
VDD
200
Ω
MCP9501/2/3/4
Switching
Regulator
0.1 µF
bypass
VDD
200
Ω
MCP9501/2/3/4
Switching
Regulator
0.1 µF
bypass
Regulator
Linear
0
1
2
3
4
5
6
10
100
1000
10000
100000
1000000
10000000
O
u
tp
u
t
V
o
lt
a
g
e
(V
)
Frequency (Hz)
MCP9501/2/3/4 TSET = 25\ C Power Supply Rejection
No False Trigger
1
0
k
1
0
0
k
1
M
1
0
M
1
k
1
0
0
1
0
VDD = 5V + 400mVAC
VDD = 5V + 400mVSQR
TSET = 25\ C
T
A = 23\ C
°
°
°
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com