Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9504 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP9504
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9504 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP9504 Datasheet HTML 12Page - Microchip Technology MCP9504 Datasheet HTML 13Page - Microchip Technology MCP9504 Datasheet HTML 14Page - Microchip Technology MCP9504 Datasheet HTML 15Page - Microchip Technology MCP9504 Datasheet HTML 16Page - Microchip Technology MCP9504 Datasheet HTML 17Page - Microchip Technology MCP9504 Datasheet HTML 18Page - Microchip Technology MCP9504 Datasheet HTML 19Page - Microchip Technology MCP9504 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© 2011 Microchip Technology Inc.
DS22268A-page 17
MCP9501/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9501P: Resistor Programmable Temperature Switch,
Hot Option
MCP9502P
Resistor Programmable Temperature Switch,
Hot Option
MCP9503N: Resistor Programmable Temperature Switch,
Cold Option
MCP9504N
Resistor Programmable Temperature Switch,
Cold Option
Temperature Switch
Threshold:
005, 015, 025, 035, 045, 055, 065, 075, 085, 095, 105,
115, 125
Temperature Range:
E
= -40°C to +125°C
Package:
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
PART NO.
-XXXX
/XX
Package
Temperature
Switch Threshold
Device
Examples:
a)
MCP9501PT-025E/OT: Active-Low,
Open-Drain Output,
25°C Switch Threshold,
Hot Option,
Extended Temp.,
5LD SOT-23 pkg.
b)
MCP9502PT-025E/OT: Active-High,
Push-Pull Output,
25°C Switch Threshold,
Hot Option,
Extended Temp.,
5LD SOT-23 pkg.
c)
MCP9503NT-025E/OT: Active-Low,
Open-Drain Output,
-25°C Switch Threshold,
Cold Option,
Extended Temp.,
5LD SOT-23 pkg.
d)
MCP9504NT-025E/OT: Active-High,
Push-Pull Output,
-25°C Switch Threshold,
Cold Option,
Extended Temp.,
5LD SOT-23 pkg.
e)
MCP9501PT-105E/OT: Active-Low,
Open-Drain Output,
105°C Switch Threshold,
Hot Option,
Extended Temp.,
5LD SOT-23 pkg.
f)
MCP9502PT-105E/OT: Active-High,
Push-Pull Output,
105°C Switch Threshold,
Hot Option,
Extended Temp.,
5LD SOT-23 pkg.
g)
MCP9503NT-035E/OT: Active-Low,
Open-Drain Output,
-35°C Switch Threshold,
Cold Option,
Extended Temp.,
5LD SOT-23 pkg.
h)
MCP9504NT-035E/OT: Active-High,
Push-Pull Output,
-35°C Switch Threshold,
Cold Option,
Extended Temp.,
5LD SOT-23 pkg.
X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com