Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 28Page - Microchip Technology PIC16F1526 Datasheet HTML 29Page - Microchip Technology PIC16F1526 Datasheet HTML 30Page - Microchip Technology PIC16F1526 Datasheet HTML 31Page - Microchip Technology PIC16F1526 Datasheet HTML 32Page - Microchip Technology PIC16F1526 Datasheet HTML 33Page - Microchip Technology PIC16F1526 Datasheet HTML 34Page - Microchip Technology PIC16F1526 Datasheet HTML 35Page - Microchip Technology PIC16F1526 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 32
Preliminary
 2011 Microchip Technology Inc.
Bank 4
20Ch —
Unimplemented
—
—
20Dh WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111 1111 1111
20Eh —
Unimplemented
—
—
20Fh WPUD
WPUD7
WPUD6
WPUD5
WPUD4
WPUD3
WPUD2
WPUD1
WPUD0
1111 1111 1111 1111
210h WPUE
WPUE7
WPUE6
WPUE5
WPUE4
WPUE3
WPUE2
WPUE1
WPUE0
1111 1111 1111 1111
211h SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
212h SSP1ADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000 0000 0000
213h SSP1MSK
Synchronous Serial Port (I2C mode) Address Mask Register
1111 1111 1111 1111
214h SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
215h SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000 0000 0000
216h SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
217h SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
218h —
Unimplemented
—
—
219h SSP2BUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
21Ah SSP2ADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000 0000 0000
21Bh SSP2MSK
Synchronous Serial Port (I2C mode) Address Mask Register
1111 1111 1111 1111
21Ch SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
21Dh SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000 0000 0000
21Eh SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
21Fh SSP2CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
Bank 5
28Ch PORTF
RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
xxxx xxxx uuuu uuuu
28Dh PORTG
—
—
RG5
RG4
RG3
RG2
RG1
RG0
--xx xxxx --uu uuuu
28Eh —
Unimplemented
—
—
28Fh —
Unimplemented
—
—
290h —
Unimplemented
—
—
291h CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx uuuu uuuu
292h CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx uuuu uuuu
293h CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
--00 0000 --00 0000
294h —
Unimplemented
—
—
295h —
Unimplemented
—
—
296h —
Unimplemented
—
—
297h —
Unimplemented
—
—
298h CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx uuuu uuuu
299h CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx uuuu uuuu
29Ah CCP2CON
—
—
DC2B<1:0>
CCP2M<3:0>
--00 0000 --00 0000
29Bh —
Unimplemented
—
—
29Ch —
Unimplemented
—
—
29Dh CCPTMRS0
C4TSEL<1:0>
C3TSEL<1:0>
C2TSEL<1:0>
C1TSEL<1:0>
0000 0000 0000 0000
29Eh CCPTMRS1
C8TSEL<1:0>
C7TSEL<1:0>
C6TSEL<1:0>
C5TSEL<1:0>
0000 0000 0000 0000
29Fh CCPTMRS2
—
—
—
—
C10TSEL<1:0>
C9TSEL<1:0>
---- 0000 ---- 0000
TABLE 3-2:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1526/7 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com