Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 31Page - Microchip Technology PIC16F1526 Datasheet HTML 32Page - Microchip Technology PIC16F1526 Datasheet HTML 33Page - Microchip Technology PIC16F1526 Datasheet HTML 34Page - Microchip Technology PIC16F1526 Datasheet HTML 35Page - Microchip Technology PIC16F1526 Datasheet HTML 36Page - Microchip Technology PIC16F1526 Datasheet HTML 37Page - Microchip Technology PIC16F1526 Datasheet HTML 38Page - Microchip Technology PIC16F1526 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 354 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41458A-page 35
PIC16(L)F1526/27
Bank 10
50Ch
—
51Fh
—
Unimplemented
—
—
Bank 11
58Ch
—
594h
—
Unimplemented
—
—
595h TMR8
Timer 8 Module Register
0000 0000 0000 0000
596h PR8
Timer 8 Period Register
1111 1111 1111 1111
597h T8CON
—
T8OUTPS<3:0>
TMR8ON
T8CKPS<1:0>
-000 0000 -000 0000
598h
—
59Bh
—
Unimplemented
—
—
59Ch TMR10
Timer 10 Module Register
0000 0000 0000 0000
59Dh PR10
Timer 10 Period Register
1111 1111 1111 1111
59Eh T10CON
—
T10OUTPS<3:0>
TMR10ON
T10CKPS<1:0>
-000 0000 -000 0000
59Fh —
Unimplemented
—
—
Bank 12
60Ch
—
610h
—
Unimplemented
—
—
611h CCPR6L
Capture/Compare/PWM Register 6 (LSB)
xxxx xxxx uuuu uuuu
612h CCPR6H
Capture/Compare/PWM Register 6 (MSB)
xxxx xxxx uuuu uuuu
613h CCP6CON
—
—
DC6B<1:0>
CCP6M<3:0>
--00 0000 --00 0000
614h CCPR7L
Capture/Compare/PWM Register 7 (LSB)
xxxx xxxx uuuu uuuu
615h CCPR7H
Capture/Compare/PWM Register 7 (MSB)
xxxx xxxx uuuu uuuu
616h CCP7CON
—
—
DC7B<1:0>
CCP7M<3:0>
--00 0000 --00 0000
617h CCPR8L
Capture/Compare/PWM Register 8 (LSB)
xxxx xxxx uuuu uuuu
618h CCPR8H
Capture/Compare/PWM Register 8 (MSB)
xxxx xxxx uuuu uuuu
619h CCP8CON
—
—
DC8B<1:0>
CCP8M<3:0>
--00 0000 --00 0000
61Ah CCPR9L
Capture/Compare/PWM Register 9 (LSB)
xxxx xxxx uuuu uuuu
61Bh CCPR9H
Capture/Compare/PWM Register 9 (MSB)
xxxx xxxx uuuu uuuu
61Ch CCP9CON
—
—
DC9B<1:0>
CCP9M<3:0>
--00 0000 --00 0000
61Dh CCPR10L
Capture/Compare/PWM Register 10 (LSB)
xxxx xxxx uuuu uuuu
61Eh CCPR10H
Capture/Compare/PWM Register 10 (MSB)
xxxx xxxx uuuu uuuu
61Fh CCP10CON
—
—
DC10B<1:0>
CCP10M<3:0>
--00 0000 --00 0000
Bank 13-30
x0Ch
or
x8Ch
to
x1Fh
or
x9Fh
—
Unimplemented
—
—
TABLE 3-2:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1526/7 only.
2:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com