Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 195Page - Microchip Technology PIC16F1526 Datasheet HTML 196Page - Microchip Technology PIC16F1526 Datasheet HTML 197Page - Microchip Technology PIC16F1526 Datasheet HTML 198Page - Microchip Technology PIC16F1526 Datasheet HTML 199Page - Microchip Technology PIC16F1526 Datasheet HTML 200Page - Microchip Technology PIC16F1526 Datasheet HTML 201Page - Microchip Technology PIC16F1526 Datasheet HTML 202Page - Microchip Technology PIC16F1526 Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 354 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41458A-page 199
PIC16(L)F1526/27
REGISTER 20-3:
CCPTMRS1: CCP TIMER SELECTION CONTROL REGISTER 1
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
C8TSEL<1:0>
C7TSEL<1:0>
C6TSEL<1:0>
C5TSEL<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
C8TSEL<1:0>:
CCP8 Timer Selection bits
When in Capture/Compare mode:
x0
= CCP8 is based off Timer1 in Capture/Compare mode
x1
= CCP8 is based off Timer5 in Capture/Compare mode
When in PWM mode:
00
= CCP8 is based off Timer2 in PWM mode
01
= CCP8 is based off Timer8 in PWM mode
10
= CCP8 is based off Timer10 in PWM mode
11
=Reserved
bit 5-4
C7TSEL<1:0>:
CCP7 Timer Selection bits
When in Capture/Compare mode:
x0
= CCP7 is based off Timer1 in Capture/Compare mode
x1
= CCP7 is based off Timer5 in Capture/Compare mode
When in PWM mode:
00
= CCP7 is based off Timer2 in PWM mode
01
= CCP7 is based off Timer6 in PWM mode
10
= CCP7 is based off Timer8 in PWM mode
11
=Reserved
bit 3-2
C6TSEL<1:0>:
CCP6 Timer Selection bits
When in Capture/Compare mode:
x0
= CCP6 is based off Timer1 in Capture/Compare mode
x1
= CCP6 is based off Timer5 in Capture/Compare mode
When in PWM mode:
00
= CCP6 is based off Timer2 in PWM mode
01
= CCP6 is based off Timer6 in PWM mode
10
= CCP6 is based off Timer8 in PWM mode
11
=Reserved
bit 1-0
C5TSEL<1:0>:
CCP5 Timer Selection bits
When in Capture/Compare mode:
x0
= CCP5 is based off Timer1 in Capture/Compare mode
x1
= CCP5 is based off Timer5 in Capture/Compare mode
When in PWM mode:
00
= CCP5 is based off Timer2 in PWM mode
01
= CCP5 is based off Timer6 in PWM mode
10
= CCP5 is based off Timer8 in PWM mode
11
=Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com