Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP608 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP608
Description  Power Transistor PNP - Amp/Switch Transistor Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP608 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP608 Datasheet HTML 1Page - Central Semiconductor Corp CP608 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEOMETRY
PROCESS DETAILS
PRINCIPAL DEVICE TYPES
CJD32C
TIP32C
GROSS DIE PER 4 INCH WAFER
2,630
PROCESS CP608
Power Transistor
PNP - Amp/Switch Transistor Chip
Process
EPITAXIAL PLANAR
Die Size
66 x 66 MILS
Die Thickness
12.5
± 1.0 MILS
Base Bonding Pad Area
12 x 24 MILS
Emitter Bonding Pad Area
11 x 14 MILS
Top Side Metalization
Al - 50,000Å
Back Side Metalization
Cr/Ni/Ag - 16,000Å
BACKSIDE COLLECTOR
www.centralsemi.com
R4 (22-March 2010)


Similar Part No. - CP608

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP608 PANJIT-CP608 Datasheet
32Kb / 2P
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
logo
Transys Electronics
CP608 TRSYS-CP608 Datasheet
112Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Central Semiconductor C...
CP608-2N3741 CENTRAL-CP608-2N3741 Datasheet
602Kb / 5P
PNP - High Current Transistor Die 4.0 Amp, 80 Volt
R0 20-July 2016
CP608-2N3741-CT CENTRAL-CP608-2N3741-CT Datasheet
519Kb / 5P
NPN - High Voltage Transistor Die
R0 8-April 2016
CP608-2N3741-CT CENTRAL-CP608-2N3741-CT Datasheet
809Kb / 5P
NPN - High Current Transistor Die 15 Amp, 60 Volt
R0 4-March 2016
More results

Similar Description - CP608

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP611 CENTRAL-CP611 Datasheet
226Kb / 2P
Power Transistor PNP - Amp / Switch Transistor Chip
CP589 CENTRAL-CP589 Datasheet
68Kb / 1P
Power Transistors PNP - Amp/Switch Transistor Chip
CP591 CENTRAL-CP591 Datasheet
209Kb / 2P
Small Signal Transistor PNP - Amp/Switch Transistor Chip
CP591V CENTRAL-CP591V Datasheet
213Kb / 2P
Small Signal Transistor PNP - Amp/Switch Transistor Chip
CP592 CENTRAL-CP592 Datasheet
210Kb / 2P
Small Signal Transistor PNP - Amp/Switch Transistor Chip
CP712 CENTRAL-CP712 Datasheet
66Kb / 2P
Power Transistor PNP - Amp/Switch Transistor Chip
CP792 CENTRAL-CP792 Datasheet
134Kb / 2P
Small Signal Transistor PNP - Amp/Switch Transistor Chip
CP591X CENTRAL-CP591X Datasheet
404Kb / 2P
Small Signal Transistor PNP - Amp/Switch Transistor Chip
CP611 CENTRAL-CP611_10 Datasheet
399Kb / 2P
Power Transistor PNP - Amp/Switch Transistor Chip
CP792V CENTRAL-CP792V Datasheet
650Kb / 2P
Smal Signal Transistor PNP - Amp/Switch Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com