Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1621 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+5.5V
Storage Temperature ............................
-50oCto125oC
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40oCto85oC
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
5.2
V
IDD1
Operating Current
3V
No load/LCD ON
On-chip RC oscillator
¾
150
300
mA
5V
¾
300
600
mA
IDD2
Operating Current
3V
No load/LCD ON
Crystal oscillator
¾
60
120
mA
5V
¾
120
240
mA
IDD3
Operating Current
3V
No load/LCD ON
External clock source
¾
100
200
mA
5V
¾
200
400
mA
ISTB
Standby Current
3V
No load, Power down mode
¾
0.1
5
mA
5V
¾
0.3
10
mA
VIL
Input Low Voltage
3V
DATA, WR,CS,RD
0
¾
0.6
V
5V
0
¾
1.0
V
VIH
Input High Voltage
3V
DATA, WR,CS,RD
2.4
¾
3.0
V
5V
4.0
¾
5.0
V
IOL1
DATA, BZ, BZ, IRQ
3V
VOL=0.3V
0.5
1.2
¾
mA
5V
VOL=0.5V
1.3
2.6
¾
mA
IOH1
DATA, BZ, BZ
3V
VOH=2.7V
-0.4
-0.8
¾
mA
5V
VOH=4.5V
-0.9
-1.8
¾
mA
IOL2
LCD Common Sink Current
3V
VOL=0.3V
80
150
¾mA
5V
VOL=0.5V
150
250
¾mA
IOH2
LCD Common Source Current
3V
VOH=2.7V
-80
-120
¾mA
5V
VOH=4.5V
-120
-200
¾mA
IOL3
LCD Segment Sink Current
3V
VOL=0.3V
60
120
¾mA
5V
VOL=0.5V
120
200
¾mA
IOH3
LCD Segment Source Current
3V
VOH=2.7V
-40
-70
¾mA
5V
VOH=4.5V
-70
-100
¾mA
RPH
Pull-high Resistor
3V
DATA, WR,CS,RD
60
120
200
k
W
5V
30
60
100
k
W
HT1621/HT1621G
Rev. 2.90
5
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com