Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1621 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-802.951
939.295
25
925.915
-338.315
2
-927.055
343.250
26
925.915
-239.255
3
-927.055
244.230
27
925.915
-140.195
4
-927.055
89.374
28
925.915
-41.134
5
-925.358
-52.510
29
925.915
57.925
6
-925.358
-151.360
30
925.915
156.986
7
-925.785
-566.516
31
925.915
256.046
8
-925.785
-675.287
32
925.915
355.106
9
-925.699
-773.697
33
849.589
939.295
10
-896.840
-939.537
34
750.530
939.295
11
-637.515
-935.685
35
651.469
939.295
12
-452.726
-935.685
36
552.409
939.295
13
-288.935
-935.685
37
453.349
939.295
14
-189.915
-935.685
38
354.289
939.295
15
-84.350
-935.685
39
255.230
939.295
16
14.669
-935.685
40
156.169
939.295
17
114.260
-940.130
41
57.109
939.295
18
213.320
-940.130
42
-41.951
939.295
19
312.380
-940.130
43
-141.010
939.295
20
925.915
-867.615
44
-240.070
939.295
21
925.915
-768.555
45
-339.130
939.295
22
925.915
-669.495
46
-438.190
939.295
23
925.915
-570.435
47
-537.250
939.295
24
925.915
-437.375
48
-636.310
939.295
Pad Description
Pad No.
Pad Name
I/O
Function
1CS
I
Chip selection input with pull-high resistor
When the CS is logic high, the data and command read from or written to
the HT1621 are disabled. The serial interface circuit is also reset. But if CS
is at logic low level and is input to the CS pad, the data and command trans-
mission between the host controller and the HT1621 are all enabled.
2RD
I
READ clock input with pull-high resistor
Data in the RAM of the HT1621 are clocked out on the falling edge of the RD
signal. The clocked out data will appear on the DATA line. The host control-
ler can use the next rising edge to latch the clocked out data.
3WR
I
WRITE clock input with pull-high resistor
Data on the DATA line are latched into the HT1621 on the rising edge of the
WR signal.
4
DATA
I/O
Serial data input/output with pull-high resistor
5
VSS
¾
Negative power supply, ground
7
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock. If the system clock comes from an external clock
source, the external clock source should be connected to the OSCI pad. But
if an on-chip RC oscillator is selected instead, the OSCI and OSCO pads
can be left open.
6
OSCO
O
8
VLCD
I
LCD power input
9
VDD
¾
Positive power supply
10
IRQ
O
Time base or WDT overflow flag, NMOS open drain output
11, 12
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
13~16
COM0~COM3
O
LCD common outputs
48~17
SEG0~SEG31
O
LCD segment outputs
HT1621/HT1621G
Rev. 2.90
4
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com