Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP233 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP233
Description  233MHz SAW Filter 0.5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP233 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP233_09 Datasheet HTML 1Page - SIPAT Co,Ltd SP233_09 Datasheet HTML 2Page - SIPAT Co,Ltd SP233_09 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP233
Rev. Date
2009-02-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
233MHz SAW Filter
0.5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: SP233
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
233.1
233.15
233.2
Insertion Loss
dB
-
14.2
15
3 dB Bandwidth
MHz
0.47
0.53
-
Passband Variation
dB
-
0.1
-
Group Delay Variation(f0±0.2MHz)
nsec
-
160
300
Absolute Delay
usec
-
1.31
-
Ultimate Rejection
dB
18
21
-
Material Temperature coefficient
KHz/°C
Qz
Substrate Material
-
0.233
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SC04-01
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - SP233_09

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP233A SIPEX-SP233A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP233A SIPEX-SP233A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP233A SIPEX-SP233A Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP233A EXAR-SP233A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP233ACP SIPEX-SP233ACP Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP233_09

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS7002L SIPAT-LBS7002L Datasheet
141Kb / 4P
70MHz Low-loss SAW Filter 0.5MHz Bandwidth
LBS14302 SIPAT-LBS14302 Datasheet
274Kb / 3P
143.625MHz SAW Filter 0.5MHz Bandwidth
LBS23301 SIPAT-LBS23301 Datasheet
145Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
LBS23302 SIPAT-LBS23302 Datasheet
143Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0784A TAI-SAW-TB0784A Datasheet
402Kb / 7P
SAW Filter 425 MHz(BW=0.5MHz) SMD 5.0mmX7.0mm
logo
SIPAT Co,Ltd
LBS7002L SIPAT-LBS7002L Datasheet
146Kb / 4P
70MHz Low-loss SAW Filter 0.5MHz Bandwidth
LBS14302 SIPAT-LBS14302 Datasheet
280Kb / 3P
143.625MHz SAW Filter 0.5MHz Bandwidth
LBS23301 SIPAT-LBS23301 Datasheet
150Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
LBS23302 SIPAT-LBS23302 Datasheet
151Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
SP233 SIPAT-SP233 Datasheet
162Kb / 3P
233MHz SAW Filter 0.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com