Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT331 Datasheet(PDF) 7 Page - BeRex Corporation

Part # BT331
Description  700-2700 MHz 1.5~2.0W Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT331 Datasheet(HTML) 7 Page - BeRex Corporation

Back Button BT331 Datasheet HTML 3Page - BeRex Corporation BT331 Datasheet HTML 4Page - BeRex Corporation BT331 Datasheet HTML 5Page - BeRex Corporation BT331 Datasheet HTML 6Page - BeRex Corporation BT331 Datasheet HTML 7Page - BeRex Corporation BT331 Datasheet HTML 8Page - BeRex Corporation BT331 Datasheet HTML 9Page - BeRex Corporation BT331 Datasheet HTML 10Page - BeRex Corporation BT331 Datasheet HTML 11Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Application Circuit: 1900 MHz
700-2700 MHz 1.5~2.0W Power Amplifier
BT331
Schematic Diagram
BOM
Tol-
eranc
e
C1
100pF
±5%
1680
C2
100pF
±5%
1608
C3
100pF
±5%
1608
C4
1nF
±5%
1608
C5
1uF
±5%
1608
C6
10uF
±20%
3216
C7
NC
C8
2pF
±5%
1608
C9
10pF
±5%
1608
C10
1608
3pF
±5%
C11
1608
0.5pF
±5%
C12
1608
2.7pF
±5%
C13
2.5pF
±5%
1608
L1
1608
56nH
±5%
R1
4.3KΩ
±5%
1608
R2
100Ω
±5%
1608
PCB Diagram
Notice
1. PCB: 31mil thick FR4
2. Distance between the cen-
ter of the shunt cap.(C13)
and the input pin 1 of
BT331 is 5.25 mm.
3. Distance between the cen-
ter of the shunt cap.(C11)
and the input pin of BT331
is 1.5 mm.
4. Distance between the cen-
ter of the shunt cap.(C12)
and the output pin of
BT331 is 2.25 mm.
8
7
6
3
4
5
2
1
C6
Vcc
RF_IN
RF_OUT
C3 C4 C5
C1
C2
C10
C13
L1
C12
C9
R2
R1
C11
C7
C8
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com