Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT331 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT331
Description  700-2700 MHz 1.5~2.0W Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT331 Datasheet(HTML) 3 Page - BeRex Corporation

  BT331 Datasheet HTML 1Page - BeRex Corporation BT331 Datasheet HTML 2Page - BeRex Corporation BT331 Datasheet HTML 3Page - BeRex Corporation BT331 Datasheet HTML 4Page - BeRex Corporation BT331 Datasheet HTML 5Page - BeRex Corporation BT331 Datasheet HTML 6Page - BeRex Corporation BT331 Datasheet HTML 7Page - BeRex Corporation BT331 Datasheet HTML 8Page - BeRex Corporation BT331 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
700-2700 1.5~2.0W Power Amplifier
BT331
S-Parameter
(Vdevice = 5.0V, Icc = 400mA, T = 25 °C, calibrated to device leads)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.919
-155.332
27.202
171.888
0.011
81.778
0.335
151.426
500
0.949
168.743
4.153
90.122
0.010
35.600
0.805
-179.714
1000
0.941
156.029
2.065
78.875
0.011
47.384
0.833
170.693
1500
0.929
143.815
1.444
71.101
0.016
48.347
0.840
163.704
2000
0.895
131.767
1.226
65.133
0.019
50.235
0.838
158.159
2500
0.847
120.721
1.393
57.189
0.024
47.782
0.839
153.001
3000
0.735
118.042
2.132
32.334
0.024
2.709
0.848
147.516
3500
0.757
125.918
2.326
-38.115
0.007
-11.874
0.904
140.189
4000
0.910
122.065
0.796
-127.288
0.014
66.759
0.495
79.167
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com