Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS115D Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS115D
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS115D Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS115D Datasheet HTML 1Page - Vectron International, Inc TFS115D Datasheet HTML 2Page - Vectron International, Inc TFS115D Datasheet HTML 3Page - Vectron International, Inc TFS115D Datasheet HTML 4Page - Vectron International, Inc TFS115D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 115d.doc
Version 1.1
03.02.2006
VI TELEFILTER
Filter specification
TFS 115D
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
20
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
313 Ω || -24 pF
Output:
268 Ω || -29 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 115D is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 1 dB
filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 115,2 MHz without any tolerance. The given values for both the
relative attenuation arel and the group delay ripple have to be achieved at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
6
dB
max.
10
dB
(reference level)
Nominal frequency
fN
115,2
MHz
Passband
PB
fN
±
1,92 MHz
Pass band ripple
p-p
0,3
dB
max.
1
dB
Relative attenuation
arel
fN
... fN ±
1,92
MHz
2,5
dB
max.
3
dB
fN ±
4,2
MHz ... fN ±
7,5
MHz
35
dB
min.
25
dB
fN ±
7,5
MHz ... fN ±
12,5
MHz
48
dB
min.
35
dB
fN ±
12,5
MHz ... fN ±
25
MHz
60
dB
min.
38
dB
Absolute Group delay
in PB
p-p
0,75
µs
max.
0,85 µs
Group delay ripple
in PB
p-p
100
ns
max.
150
ns
Input power level **
max.
10
dBm
Operating temperature range
OTR
-10 °C..... +85 °C
Storage temperature range
-40 °C..... +85 °C
Temperature coefficient of frequency
TCf ***
-22
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values
only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) Maximum value for 10 years operation.
***)
∆fc(Hz) = TCf(ppm/K) x (T - To) x fTo (MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS115D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1150A VECTRON-TFS1150A Datasheet
144Kb / 5P
Development specification
TFS115A VECTRON-TFS115A Datasheet
221Kb / 5P
Filter specification
TFS115C VECTRON-TFS115C Datasheet
192Kb / 5P
Filter specification
TFS115E VECTRON-TFS115E Datasheet
227Kb / 5P
Filter specification
TFS115F VECTRON-TFS115F Datasheet
196Kb / 5P
Filter specification
More results

Similar Description - TFS115D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com