Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS115D Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS115D
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS115D Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS115D Datasheet HTML 1Page - Vectron International, Inc TFS115D Datasheet HTML 2Page - Vectron International, Inc TFS115D Datasheet HTML 3Page - Vectron International, Inc TFS115D Datasheet HTML 4Page - Vectron International, Inc TFS115D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 115d.doc
Version 1.1
03.02.2006
VI TELEFILTER
Filter specification
TFS 115D
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filter characteristic
Construction and pin connection
(All dimensions in mm)
Date code
50 Ohm Test circuit
S 115D
●
U05
1
Ground
2
Ground
3
Ground
4
Output
5
Output RF Return
6
Ground
7
Ground
8
Ground
9
Input
10
Input RF Return
Date code:
Year + week
U
2006
V
2007
W
2008
...
70.2
79.2
88.2
97.2
106.2
115.2
124.2
133.2
142.2
151.2
160.2
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
112.2
112.8
113.4
114
114.6
115.2
115.8
116.4
117
117.6
118.2
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
112.2
112.8
113.4
114
114.6
115.2
115.8
116.4
117
117.6
118.2
0.57
0.69
0.81
0.93
1.05
1.17
1.29
1.41
1.53
1.65
1.77
frequency in MHz
C1
L1
SAW
L2
C2
9
4
1, 2, 3, 6, 7, 8
5
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com