Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F14 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F14
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F14 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F14 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 173 page
background image
AbsoluteMaximumRatings
SupplyVoltage ...............................................................................................VSS
-0.3V to VSS+6.0V
InputVoltage .................................................................................................VSS
-0.3V to VDD+0.3V
StorageTemperature .................................................................................................
-50°Cto125°C
OperatingTemperature................................................................................................
-40°Cto85°C
IOL Total...................................................................................................................................100mA
IOH Total ................................................................................................................................
-100mA
TotalPowerDissipation .........................................................................................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Rat-
ings
² may cause substantial damage to the device. Functional operation of this device at other condi-
tions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
D.C.Characteristics
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
OperatingVoltage
(HXT, ERC, HIRC)
¾
fSYS=8MHz
2.2
¾
5.5
V
fSYS=12MHz
2.7
¾
5.5
V
fSYS=20MHz
4.5
¾
5.5
V
IDD1
OperatingCurrent,
NormalMode, fSYS=fH
(HXT, ERC, HIRC)
3V
Noload, fSYS=fH=4MHz,
ADCoff, WDT enable
¾
0.7
1.1
mA
5V
¾
1.8
2.7
mA
3V
Noload, fSYS=fH=8MHz,
ADCoff, WDT enable
¾
1.6
2.4
mA
5V
¾
3.3
5.0
mA
3V
Noload, fSYS=fH=12MHz,
ADCoff, WDT enable
¾
2.2
3.3
mA
5V
¾
5.0
7.5
mA
IDD2
OperatingCurrent,
NormalMode, fSYS=fH
(HXT)
5V
Noload, fSYS=fH=20MHz,
ADCoff, WDT enable
¾
6.0
9.0
mA
IDD3
OperatingCurrent,SlowMode,
fSYS=fL (LIRC)
3V
Noload, fSYS=fL,ADCoff,
WDT enable
¾
10
20
mA
5V
¾
30
50
mA
IIDLE0
IDLE0ModeStandbyCurrent
(LIRC on)
3V
Noload,ADCoff, WDT
enable
¾
1.5
3.0
mA
5V
¾
3.0
6.0
mA
IIDLE1
IDLE1ModeStandbyCurrent
(HXT, ERC, HIRC)
3V
Noload,ADCoff, WDT
enable, fSYS=12MHzon
¾
0.55
0.83
mA
5V
¾
1.30
2.00
mA
ISLEEP0
SLEEP0ModeStandbyCurrent
(LIRC off)
3V
Noload,ADCoff, WDT
disable
¾
¾
1
mA
5V
¾
¾
2
mA
ISLEEP1
SLEEP1ModeStandbyCurrent
(LIRC on)
3V
Noload,ADCoff, WDT
enable
¾
1.5
3.0
mA
5V
¾
2.5
5.0
mA
VIL1
Input Low Voltage for I/O Ports or
InputPinsexcept RES pin
¾
¾
0
¾
0.2VDD
V
5V
¾
0
¾
1.5
V
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
Rev.1.10
13
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com