Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F14 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66F14
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F14 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66F14 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F14 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 173 page
background image
FlashProgramMemory
The Program Memory is the location where the user code or program is stored. For this device series
the Program Memory is Flash type, which means it can be programmed and re-programmed a large
number of times, allowing the user the convenience of code modification on the same device. By using
the appropriate programming tools, these Flash devices offer users the flexibility to conveniently
debug and develop their applications while also offering a means of field programming and updating.
Structure
The Program Memory has a capacity of 1K
´14 bits to 4K´15 bits. The Program Memory is addressed
by the Program Counter and also contains data, table information and interrupt entries. Table data,
which can be setup in any location within the Program Memory, is addressed by a separate table
pointer register.
Device
Capacity
HT66F20
1K
´14
HT66F30
2K
´15
HT66F40
4K
´15
SpecialVectors
Within the Program Memory, certain locations are reserved for the reset and interrupts. The location
000H is reserved for use by the device reset for program initialisation. After a device reset is initiated,
the program will jump to this location and begin execution.
Look-upTable
Any location within the Program Memory can be defined as a look-up table where programmers can
store fixed data. To use the look-up table, the table pointer must first be setup by placing the address of
the look up data to be retrieved in the table pointer register, TBLP and TBHP. These registers define the
total address of the look-up table.
After setting up the table pointer, the table data can be retrieved from the Program Memory using the
²TABRD[m]² or ²TABRDL[m]² instructions, respectively. When the instruction is executed, the
lower order table byte from the Program Memory will be transferred to the user defined Data Memory
register [m] as specified in the instruction. The higher order table data byte from the Program Memory
will be transferred to the TBLH special register. Any unused bits in this transferred higher order byte
will be read as
²0².
Rev.1.10
21
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
I n t e r r u p t
V e c t o r
0 0 0 4 H
0 3 F F H
1 4 b i t s
0 0 1 C H
I n t e r r u p t
V e c t o r
1 5 b i t s
0 7 F F H
I n t e r r u p t
V e c t o r
1 5 b i t s
R e s e t
0 0 0 0 H
H T 6 6 F 1 3
R e s e t
H T 6 6 F 1 4
R e s e t
H T 6 6 F 1 5
0 F F F H
ProgramMemoryStructure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com