Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F15 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT68F15
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F15 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT68F15 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 161 page
background image
InCircuitProgramming
The provision of Flash type Program Memory provides the user with a means of convenient and easy
upgrades and modifications to their programs on the same device. As an additional convenience,
Holtek has provided a means of programming the microcontroller in-circuit using a 5-pin interface.
This provides manufacturers with the possibility of manufacturing their circuit boards complete with a
programmed or un-programmed microcontroller, and then programming or upgrading the program at
a later stage. This enables product manufacturers to easily keep their manufactured products supplied
with the latest program releases without removal and re-insertion of the device.
The Holtek Flash MCU to Writer Programming Pin correspondence table is as follows:
Holtek Writer
Devices
PinDescription
PinName
PinName
SDATA
PA0
SerialAddressanddata -- read/write
SCLK
PA2
Addressanddataserialclockinput
VPP
RES
Resetinput
VDD
VDD
PowerSupply(5.0V)
VSS
VSS
Ground
The Program Memory can be programmed serially in-circuit using this 5-wire interface. Data is
downloaded and uploaded serially on a single pin with an additional line for the clock. Two addi-
tional lines are required for the power supply and one line for the reset. The technical details regard-
ing the in-circuit programming of the devices are beyond the scope of this document and will be
suppliedinsupplementaryliterature.
During the programming process the RES pin will be held low by the programmer disabling the
normal operation of the microcontroller and taking control of the PA0 and PA2 I/O pins for data and
clock programming purposes. The user must there take care to ensure that no other outputs are
connected to these two pins.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
21
February9,2011
*
*
*
V D D
V P P
S D A T A
S C L K
V S S
T o o t h e r C i r c u i t
P A 0
P A 2
V S S
R E S
V D D
W r i t e r C o n n e c t o r
S i g n a l s
M C U P r o g r a m m i n g
P i n s
Note:
* may be resistor or capacitor. The resistance of * must be greater than 1k
W or the capacitance
of*mustbelessthan1nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com