Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B40A Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT82B40A
Description  I/O MCU with USB Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40A Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT82B40A Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 50Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 53Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 54Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 55Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 56Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
SAW Type 32-pin (5mm
´5mm) QFN Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.028
¾
0.031
A1
0.000
¾
0.002
A3
¾
0.008
¾
b
0.007
¾
0.012
D
¾
0.197
¾
E
¾
0.197
¾
e
¾
0.020
¾
D2
0.049
¾
0.128
E2
0.049
¾
0.128
L
0.012
¾
0.020
K
¾¾¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.70
¾
0.80
A1
0.00
¾
0.05
A3
¾
0.20
¾
b
0.18
¾
0.30
D
¾
5.00
¾
E
¾
5.00
¾
e
¾
0.50
¾
D2
1.25
¾
3.25
E2
1.25
¾
3.25
L
0.30
¾
0.50
K
¾¾¾
HT82B40R/HT82B40A
Rev. 1.50
53
February 17, 2011
D
E
e
b
A 1
A 3
A
D 2
L
E 2
K
1
8
9
1 6
1 7
2 4
2 5
3 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com