Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B40A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82B40A
Description  I/O MCU with USB Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82B40A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA5
PA6/TMR0
PA7/TMR1
I/O
Pull-high
Wake-up
NMOS/CMOS/PMOS
Bidirectional 8-bit input/output port. Each pin can be configured as a
wake-up input by a configuration option. Software instructions deter-
mine if the pin is a CMOS output or NMOS, PMOS or Schmitt Trigger
input. Configuration options determine if the structures are CMOS,
NMOS or PMOS types. Configuration options determine if the pins
have pull-high resistors. TMR0 and TMR1 are pin-shared with PA6
and PA7, respectively.
PB0~PB7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each nibble can be configured as
a wake-up input by a configuration option. Software instructions de-
termine if the pin is a CMOS output or Schmitt Trigger input. Configu-
ration options determine if the pins have pull-high resistors. The
power supply of PB0~PB7 can be optioned as VDD or V33O output.
PC0~PC7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each nibble can be configured as
a wake-up input by a configuration option. Software instructions de-
termine if the pin is a CMOS output or Schmitt Trigger input. Configu-
ration options determine if the pins have pull-high resistors.
PD0~PD7
I/O
Pull-high
Wake-up
Bi-directional 8-bit input/output port. Each nibble can be configured
as a wake-up input by a configuration option. Software instructions
determine if the pin is a CMOS output or Schmitt Trigger input. Con-
figuration options determine if the pins have pull-high resistors.
PE0~PE1
I/O
Pull-high
Wake-up
Bidirectional 2-bit input/output port. Each pin can be configured as a
wake-up input by a configuration option. Software instructions deter-
mine if the pin is a CMOS output or Schmitt Trigger input. Configura-
tion options determine if the pins have pull-high resistors.
USBPDP/CLK
I/O
¾
USBPDP line. USB function is controlled by software control register
USBPDN/DATA
I/O
¾
USBPDN line. USB function is controlled by software control register
RES
I
¾
Schmitt trigger reset input. Active low
VSS
¾¾
Digital negative power supply, ground
VDD
¾¾
Digital positive power supply
V33O
O
¾
3.3V regulator output
Note: As the Pin Description table applies to the largest package size not all pin may exist on smaller packages.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT82B40R/HT82B40A
Rev. 1.50
3
February 17, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com