Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DD13003A-R-Z-N-C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD13003A-R-Z-N-C
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD13003A-R-Z-N-C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD13003A-R-Z-N-C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R
版本:
201102H
1/7
NPN 型高压功率开关晶体管
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13003A
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
3DD13003A-O-T-B-A
13003A
否
NO
TO-92
编带
Brede
3DD13003A-O-T-N-C
13003A
否
NO
TO-92
袋装
Bag
3DD13003A-R-T-B-A
13003A
是
YES
TO-92
编带
Brede
3DD13003A-R-T-N-C
13003A
是
YES
TO-92
袋装
Bag
3DD13003A-O-M-N-C
13003A
否
NO
TO-126
袋装
Bag
3DD13003A-O-M-N-B
13003A
否
NO
TO-126
条管
Tube
3DD13003A-R-M-N-C
13003A
是
YES
TO-126
袋装
Bag
3DD13003A-R-M-N-B
13003A
是
YES
TO-126
条管
Tube
3DD13003A-O-MF-N-C
13003A
否
NO
TO-126F
袋装
Bag
3DD13003A-O-MF-N-B
13003A
否
NO
TO-126F
条管
Tube
3DD13003A-R-MF-N-C
13003A
是
YES
TO-126F
袋装
Bag
3DD13003A-R-MF-N-B
13003A
是
YES
TO-126F
条管
Tube
3DD13003A-O-Z-N-C
13003A
否
NO
TO-220
袋装
Bag
3DD13003A-O-Z-N-B
13003A
否
NO
TO-220
条管
Tube
3DD13003A-R-Z-N-C
13003A
是
YES
TO-220
袋装
Bag
3DD13003A-R-Z-N-B
13003A
是
YES
TO-220
条管
Tube
主要参数
MAIN CHARACTERISTICS
IC
1.5A
VCEO
450V
PC(TO-92)
1W
PC(TO-126/ TO-126F)
20W
PC(TO-220)
40W
封装 Package
用途
充电器
电子镇流器
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
Battery changer
Electronic ballasts
High frequency switching power supply
High frequency power transform
Commonly power amplifier circuit
产品特性
高耐压
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
High breakdown voltage
High current capability
High switching speed
High reliability
RoHS product
TO-92
TO-126
订货信息 ORDER MESSAGE
TO-220
TO-126F


Similar Part No. - 3DD13003A-R-Z-N-C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD13003AS JSMC-3DD13003AS Datasheet
249Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13003AS-R-T-B-A JSMC-3DD13003AS-R-T-B-A Datasheet
249Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - 3DD13003A-R-Z-N-C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com