Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DD13003A-R-Z-N-C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD13003A-R-Z-N-C
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD13003A-R-Z-N-C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD13003A-R-Z-N-C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD13003A-R-Z-N-C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
R
3DD13003A
版本:
201102H
2/7
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
电特性 ElECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最小值
min
最大值
max
单
位
Unit
结到环境的热阻
Thermal Resistance Junction Ambient TO-92
Rth(j-a)
-
125
/W
℃
结到管壳的热阻
Thermal Resistance Junction Case
TO-92
Rth(j-c)
-
49
/W
℃
结到管壳的热阻
Thermal Resistance Junction Case
TO-126
Rth(j-c)
-
6.25
/W
℃
结到管壳的热阻
Thermal Resistance Junction Case
TO-126F
Rth(j-c)
-
6.25
/W
℃
结到管壳的热阻
Thermal Resistance Junction Case
TO-220
Rth(j-c)
-
3.125
/W
℃
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
集电极
—发射极直流电压
Collector- Emitter Voltage(VBE=0)
VCES
700
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
450
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
9
V
最大集电极直流电流
Collector Current(DC)
IC
1.5
A
最大集电极脉冲电流
Collector Current(pulse)
ICP
3.0
A
最大集电极耗散功率
Total Dissipation (TO-92)
PC
1
W
最大集电极耗散功率
Total Dissipation (TO-126/TO-126F)
PC
20
W
最大集电极耗散功率
Total Dissipation (TO-220)
PC
40
W
最高结温
Junction Temperature
Tj
150
℃
贮存温度
Storage Temperature
Tstg
-55~+150
℃
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
V(BR)CEO
IC=10mA,IB=0
450
500
-
V
V(BR)CBO
IC=1mA,IB=0
700
830
-
V
V(BR)EBO
IE=1mA,IC=0
9
13
-
V
ICBO
VCB=700V, IE=0
-
-
100
μA
ICEO
VCE=450V,IB=0
-
-
50
μA
IEBO
VEB=7V, IC=0
-
-
10
μA
VCE=5V, IC=5mA
6
20
40
-
VCE=10V, IC=200mA
8
25
40
-
hFE
VCE=5V, IC=1.5A
4
11
-
-
IC=0.5A, IB=0.1A
-
0.15
0.8
V
VCE(sat)
IC=1.5A, IB=0.5A
-
0.5
2.0
-
VBE(sat)
IC=1.0A, IB=0.25A
-
0.6
1.8
V
tf
VCC=24V IC=0.5A,IB1=-IB2=0.1A
-
-
0.7
μS
ts
VCC=24V IC=0.5A,IB1=-IB2=0.1A
-
-
4
μS
fT
VCE=10V, Ic=0.2A
4
-
-
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com