Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910AS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL9910AS-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910AS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL9910AS-13 Datasheet HTML 1Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 2Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 3Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 4Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 5Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 6Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 7Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 8Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AL9910/AL9910A
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A
Document number: DS 35103 Rev. 2 - 2
2 of 14
www.diodes.com
March 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
SO-8
SO-8EP
Descriptions
VIN
1
1
Input voltage
CS
2
2
Senses LED string current
GND
3
3
Device ground
Gate
4
4
Drives the gate of the external MOSFET
PWM_D
5
5
Low Frequency PWM Dimming pin, also Enable input. Internal 100k
Ω pull-down to GND
VDD
6
6
Internally regulated supply voltage.
•
7.5V nominal for AL9910 and
•
10V nominal for AL9910A.
Can supply up to 1 mA for external circuitry. A sufficient storage capacitor is used to
provide storage when the rectified AC input is near the zero crossing.
LD
7
7
Linear Dimming by changing the current limit threshold at current sense comparator
ROSC
8
8
Oscillator control. A resistor connected between this pin and ground sets the PWM
frequency.
EP PAD
N/A
EP
Exposed Pad (bottom). Connect to GND directly underneath the package.
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Ratings
Unit
VIN(MAX)
Maximum input voltage, VIN, to GND
-0.5 to +520
V
VCS
Maximum CS input pin voltage relative to GND
-0.3 to 0.45
V
VLD
Maximum LD input pin voltage relative to GND
-0.3 to (VDD + 0.3)
V
VPWM_D
Maximum PWM_D input pin voltage relative to GND
-0.3 to (VDD + 0.3)
V
VGATE
Maximum GATE pin voltage relative to GND
-0.3 to (VDD + 0.3)
V
VDD(MAX)
Maximum VDD pin voltage relative to GND
12
V
Continuous Power Dissipation (TA = 25°C)
SO-8 (derate 6.3mW/
°C above +25°C)
630
mW
SO-8EP (derate at 22mW/°C above 25°C)
2200
mW
TJ
Junction Temperature Range
+125
°C
TST
Storage Temperature Range
-65 to 150
°C
ESD HBM
Human Body Model ESD Protection (Note 3)
1500
V
ESD MM
Machine Model ESD Protection (Note 3)
300
V
Notes:
2. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the
specified terminal.
3. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VINDC
Input DC supply voltage range
AL9910
15.0
500
V
AL9910A
20.0
500
TA
Ambient temperature range
-40
85
°C
VDD
Maximum recommended voltage applied to VDD pin (Note 4)
AL9910
10
V
AL9910A
11
VEN(lo)
Pin PWM_D input low voltage
0
1
V
VEN(hi)
Pin PWM_D input high voltage
2.4
VDD
Notes:
4. When using the AL9910 in isolated LED lamps an auxiliary winding might be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com