Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910AS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL9910AS-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910AS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL9910AS-13 Datasheet HTML 1Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 2Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 3Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 4Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 5Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 6Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 7Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 8Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AL9910/AL9910A
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A
Document number: DS 35103 Rev. 2 - 2
3 of 14
www.diodes.com
March 2011
© Diodes Incorporated
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified - TA = 25°C)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IInsd
Shut-down mode supply current
Pin PWM_D to GND,
VIN = VIN(Min) (Note 5)
AL9910
0.50
1
mA
AL9910A
0.65
1.2
VDD
Internally regulated voltage
VIN = VIN(Min)~500V, (Note 5)
lDD(ext)=0, Gate pin open
AL9910
7.0
7.5
8.0
V
AL9910A
9.5
10
10.5
IDD(ext)
VDD current available for external
circuitry
VIN = VIN(Min) to 100V (Note 5 & 6)
1.0
mA
UVLO
VDD under voltage lockout
threshold
VDD rising
AL9910
6.4
6.7
7
V
AL9910A
8.4
9
9.6
∆UVLO
VDD under voltage lockout
hysteresis
VDD falling
AL9910
500
mV
AL9910A
750
RPWM_D PWM_D pull-down resistance
VPWM_D = 5V
150
200
250
k
Ω
VCS(hi)
Current sense threshold voltage
TA = -40°C to +85°C
225
250
275
mV
VGATE(hi) GATE high output voltage
IOUT = 10mA
VDD -0.3
VDD
V
VGATE(lo) GATE low output voltage
IOUT = -10mA
0
0.3
V
fOSC
Oscillator frequency
ROSC = 1MΩ
20
25
30
kHz
ROSC = 226kΩ
80
100
120
DMAXhf
Maximum Oscillator PWM Duty
Cycle
fPWMhf = 25kHz, at GATE,
CS to GND.
100
%
VLD
Linear Dimming pin voltage range TA = <85°C, VIN = 20V
0
-
250
mV
tBLANK
Current sense blanking interval
VCS = 0.45V, VLD = VDD
160
250
440
ns
tDELAY
Delay from CS trip to GATE lo
VIN = 20V, VLD = 0.15,
VCS = 0 to 0.22V after TBLANK
300
ns
tRISE
GATE output rise time
CGATE = 500pF
30
50
ns
tFALL
GATE output fall time
CGATE = 500pF
30
50
ns
TSD
Thermal shut down
150
°C
TSDH
Thermal shut down hysteresis
50
θ
JA
Thermal Resistance Junction-to-
Ambient
SO-8 (Note 7)
110
°C/W
SO-8EP (Note 8)
66
θ
JC
Thermal Resistance Junction-to-
Case
SO-8 (Note 7)
22
°C/W
SO-8EP (Note 8)
9
Notes:
5. VIN(Min) for the AL9910 is 15V and for the AL9910A it is 20V
6. Also limited by package power dissipation limit, whichever is lower.
7. Device mounted on FR-4 PCB (25mm x 25mm 1oz copper, minimum recommended pad layout on top. For better thermal performance, larger
copper pad for heat-sink is needed.
8. Device mounted on FR-4 PCB (51mm x 51mm 2oz copper, minimum recommended pad layout on top layer and thermal vias to bottom layer
ground plane. For better thermal performance, larger copper pad for heat-sink is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com